Electronic Components Datasheet Search
  English  ▼

X  

FS4016D Datasheet(PDF) 57 Page - Positronic.

Part # FS4016D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4016D Datasheet(HTML) 57 Page - Positronic.

Back Button FS4016D Datasheet HTML 53Page - Positronic. FS4016D Datasheet HTML 54Page - Positronic. FS4016D Datasheet HTML 55Page - Positronic. FS4016D Datasheet HTML 56Page - Positronic. FS4016D Datasheet HTML 57Page - Positronic. FS4016D Datasheet HTML 58Page - Positronic. FS4016D Datasheet HTML 59Page - Positronic. FS4016D Datasheet HTML 60Page - Positronic. FS4016D Datasheet HTML 61Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 86 page
background image
4-40UNC-2B
4-40UNC-2A
4-40UNC-2B
4-40UNC-2B
4-40UNC-2A
4-40UNC-2A
4-40UNC-2B
4-40UNC-2B
4-40UNC-2B
4-40UNC-2B
4-40UNC-2A
4-40UNC-2A
4-40UNC-2A
4-40UNC-2A
4-40UNC-2A
4-40UNC-2B
0.754 [19.15]
0.754 [19.15]
0.754 [19.15]
0.754 [19.15]
Female
contacts
Male
contacts
Female
contacts
Male
contacts
Female
contacts
Male
contacts
Female
contacts
Male
contacts
JACKSCREW SYSTEMS
CODE E, E6, T AND T6
E6
T
T6
E
ROTATING
MALE AND FEMALE
JACKSCREWS
ROTATING
MALE AND FEMALE
POLARIZED JACKSCREWS
FIXED
MALE AND FEMALE
POLARIZED JACKSCREWS
FIXED
MALE AND FEMALE
JACKSCREWS
A
C
E
K1
0.243±0.005
[6.17±0.13]
B
D
Male Contacts
Female
Contacts
0.290 [7.37]
0.018[0.46]
0.036±0.008
[0.91±0.20]
0.020[0.51]
Max. rollover
B1
D1
Ø0.120±0.005
[3.05±0.13]
Thru hole,
2 places
STANDARD SHELL ASSEMBLY DIMENSIONS
SIZE 20 AND SIZE 8 CONTACTS
CODE 0 AND S
Typical Part Number:
ACBMP11W1F0011W1M00
CONNECTOR
SIZE
A
±0.015
B
±0.005
B1
±0.005
C
±0.005
D
±0.005
D1
±0.005
E
±0.015
K1
±0.005
SHELL SIZE 1
1.213
[30.81]
0.643
[16.33]
0.666
[16.92]
0.984
[24.99]
0.311
[7.90]
0.329
[8.36]
0.494
[12.55]
0.233
[5.92]
SHELL SIZE 2
1.541
[39.14]
0.971
[24.66]
0.994
[25.25]
1.312
[33.32]
0.311
[7.90]
0.329
[8.36]
0.494
[12.55]
0.233
[5.92]
SHELL SIZE 3
1.534
[38.96]
1.852
[47.04]
0.311
[7.90]
0.329
[8.36]
0.494
[12.55]
0.230
[5.84]
SHELL SIZE 4
2.729
[69.32]
2.159
[54.84]
2.182
[55.42]
2.500
[63.50]
0.311
[7.90]
0.329
[8.36]
0.494
[12.55]
0.230
[5.84]
SHELL SIZE 5
2.635
[66.93]
2.064
[52.43]
2.079
[52.81]
2.406
[61.11]
0.423
[10.74]
0.441
[11.20]
0.605
[15.37]
0.230
[5.84]
SHELL SIZE 6
2.729
[69.32]
2.189
[55.60]
2.212
[56.18]
2.500
[63.50]
0.485
[12.32]
0.503
[12.78]
0.668
[16.97]
0.230
[5.84]
Molding
Spacer
NOTE:
Code S = Swaged
spacer with 4-40
UNC-2B threads.
Example Part Number:
ACBDP5W1FEX5W1M0X
Example Part Number:
ACBDP5W1FE6X5W1M0X
Example Part Number:
ACBDP5W1FTX5W1M0X
Example Part Number:
ACBDP5W1FT6X5W1M0X
COMBO-D
CONNECTOR SAVERS
GENDER CHANGERS
Combo-D
D-Sub
Positronic
connectpositronic.com
59
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com