Electronic Components Datasheet Search
  English  ▼

X  

H520F Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # H520F
Description  Headband
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

H520F Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button H520F Datasheet HTML 3Page - List of Unclassifed Manufacturers H520F Datasheet HTML 4Page - List of Unclassifed Manufacturers H520F Datasheet HTML 5Page - List of Unclassifed Manufacturers H520F Datasheet HTML 6Page - List of Unclassifed Manufacturers H520F Datasheet HTML 7Page - List of Unclassifed Manufacturers H520F Datasheet HTML 8Page - List of Unclassifed Manufacturers H520F Datasheet HTML 9Page - List of Unclassifed Manufacturers H520F Datasheet HTML 10Page - List of Unclassifed Manufacturers H520F Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Headband H520A
Seamless height adjust-
ment. Flexible adaptation
to size and shape of head.
HY52 Safety kit
Optime II has been developed for demanding noise-hazard environments and muffles even extremely low frequen-
cies to a maximum degree. The sealing rings are filled with a unique combination of liquid and foam. The result is
an optimum seal with low contact pressure, which provides snug comfort even during long-time use. The sealing
rings have ventilation channels and are covered with soft, patterned, hygienic foil. Optime II is a suitable choice for
environments with substantial industrial noise or construction machinery, airports and agricultural work.
Neckband H520B
For independent use in conjunction with
protective helmet, for example.
Helmet attachment H520P3
Slot attachment with quick mounting
without tools. Working, airing or park
positions. Attachment for visor and rain
protection.
SNR
34 dB
H
29 dB
M
20 dB 31 dB
L
210 g
14.6
20.2
32.5
39.3
36.4
34.4
40.2
1.6
2.5
2.3
2.1
2.4
4.0
2.3
13.0
17.7
30.2
37.2
34.0
30.4
37.9
Frequency 2
Mean att. 3
**
Stand. dev. 4
H520A
APV
Model
125
250
500
1000 2000 4000 8000
SNR
34 dB
H
29 dB
M
20 dB 31 dB
L
195 g
14.7
20.4
32.3
39.6
36.2
35.4
40.2
1.8
2.6
2.5
2.2
2.4
4.2
2.4
12.9
17.8
29.8
37.4
33.8
31.2
37.8
Frequency 2
Mean att. 3
**
Stand. dev. 4
H520B
APV
Model
125
250
500
1000 2000 4000 8000
SNR
34 dB
H
28 dB
M
20 dB 31 dB
L
230 g
14.5
20.3
32.6
39.1
35.1
34.7
39.8
1.8
2.6
2.4
2.5
2.3
2.7
2.5
12.7
17.7
30.2
36.6
32.8
32.0
37.3
Frequency 2
Mean att. 3
**
Stand. dev. 4
H520F
APV
Model
125
250
500
1000 2000 4000 8000
Folding headband H520F
Thin and supple headband for combina-
tion with headgear. Can easily and
quickly be folded out/up.
SNR
34 dB
H
28 dB
M
19 dB 30 dB
L
235 g
14.1
19.4
32.0
39.9
36.2
35.4
39.2
2.3
2.7
2.7
2.4
2.6
4.4
2.6
11.8
16.7
29.3
37.5
33.6
31.0
36.6
Frequency 2
Mean att. 3
**
Stand. dev. 4
H520P3*
APV
Model
125
250
500
1000 2000 4000 8000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com