Electronic Components Datasheet Search
  English  ▼

X  

FS4103D Datasheet(PDF) 28 Page - Positronic.

Part # FS4103D
Description  Positronic Provides Complete Capability
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

FS4103D Datasheet(HTML) 28 Page - Positronic.

Back Button FS4103D Datasheet HTML 24Page - Positronic. FS4103D Datasheet HTML 25Page - Positronic. FS4103D Datasheet HTML 26Page - Positronic. FS4103D Datasheet HTML 27Page - Positronic. FS4103D Datasheet HTML 28Page - Positronic. FS4103D Datasheet HTML 29Page - Positronic. FS4103D Datasheet HTML 30Page - Positronic. FS4103D Datasheet HTML 31Page - Positronic. FS4103D Datasheet HTML 32Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 86 page
background image
CBC series connectors offer professional, industrial
and military performance levels. Connectors are designed
for use in sheltered, mildly corrosive environments
having a wide range of temperature, pressure and
humidity changes. CBC series connectors offer mixed
crimp-removable contact combinations of power,
shielded, air, high voltage, signal, and thermocouple
contacts within the same connector body.
Refer
to size 8 removable contacts power, shielded, air
and high voltage section, pages 68-80 for technical
characteristics. Sixteen connector variants are offered
in six standard shell sizes.
A wide assortment of cable support hoods and
locking systems is available from stock.
CBC series connectors also offer a Blind Mating
connector system for applications requiring connector
couplings in recessed areas or for mobile power
coupling systems.
CBC series connectors utilize precision machined
contacts and they meet the applicable performance and
dimensional requirements of IEC 60807-3, Performance
Levels One and Two, DSCC 85039 and MIL-DTL-24308.
Size 20 Removable Signal and
Thermocouple Crimp Contacts
Size 8 Removable Power, Shielded,
Air and High Voltage Contacts
DSCC 85039
IEC 60807-3
UL Recognized
CSA Recognized
File #E49351
File #LR54219
Telecommunication UL File #E140980
Connectors Designed To Customer Specifications
Positronic Combo-D connectors can be modified to customers specifications.
Examples: select loading of contacts for cost savings or to gain creepage and clearance distances; longer
PCB terminations; customer specified hardware; sealing for water resistance.
Contact Technical Sales with your particular requirements.
22
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
PROFESSIONAL, INDUSTRIAL AND MILITARY QUALITY
THREE PERFORMANCE LEVELS FOR BEST COST/PERFORMANCE RATIO
STANDARD DENSITY CRIMP REMOVABLE CONTACTS
Combo-D
D-Sub
Positronic
connectpositronic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com