Electronic Components Datasheet Search
  English  ▼

X  

ABM3B Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABM3B
Description  CERAMIC SMD CRYSTAL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM3B Datasheet(HTML) 1 Page - Abracon Corporation

  ABM3B Datasheet HTML 1Page - Abracon Corporation ABM3B Datasheet HTML 2Page - Abracon Corporation ABM3B Datasheet HTML 3Page - Abracon Corporation ABM3B Datasheet HTML 4Page - Abracon Corporation ABM3B Datasheet HTML 5Page - Abracon Corporation ABM3B Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ABM3B series
CERAMIC SMD CRYSTAL
Revision: U
8/27/2024
Page 1
Disclaimer
Check Inventory
S
Request Samples
Description
Parameters
Min.
Typ.
Max.
Units
Notes
Frequency Range
8.0
50.0
MHz
Fundamental
50.1
125.0
3rd OT
Operating Temperature Range
-10
+60
ºC
See options
Storage Temperature
-40
+85
ºC
Frequency Tolerance @ +25°C
+/-50
ppm
See options
Frequency Stability over the Operating
Temperature (ref. to +25°C)
+/-50
ppm
See options
Equivalent series resistance
200
Ω
8~9.999MHz (Fund.)
100
10~11.999MHz (Fund.)
70
12~15.999MHz (Fund.)
50
16~50MHz (Fund.)
60
50.001~80MHz (3rd OT)
80
80.001~125MHz (3rd OT)
Shunt Capacitance (C0)
7.0
pF
Load Capacitance (CL)
18.0
pF
See options
Drive Level
10
100
μW
Aging (1 year)
-5
+5
ppm
@ 25°C±3°C
Insulation Resistance
500
MΩ
@ 100Vdc±15V
The ABM3B series is a quartz crystal offered in a 5.0mm x 3.2mm x 1.1mm four-pad SMD package.
Tight frequency accuracy of ±10ppm and stability of ±15ppm over operating temperature range of
-40°C to +85°C, low plating load (CL) value of 6pF, and low Equivalent Series Resistance (ESR) is
achieved in this compact package. The ABM3B series offers industry standard frequencies
common for communication, test equipment, high density, PCMCIA end applications.
Suitable for reflow
Tight stability available
Seam sealed for long-term reliability
Seam Sealing
REACH/RoHS II Compliant | MSL Level N/A
Features
Typical Applications
Electrical Specifications
Communication and Test equipment
High Density applications
PCMCIA and wireless applications


Similar Part No. - ABM3B

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM3B ABRACON-ABM3B Datasheet
155Kb / 2P
CERAMIC SMD CRYSTAL
ABM3B ABRACON-ABM3B Datasheet
202Kb / 2P
CERAMIC SMD CRYSTAL
Revised O: 03.11.08
ABM3B-10.000MHZ-10-1-U-T ABRACON-ABM3B-10.000MHZ-10-1-U-T Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL
04.19.13
ABM3B-125.000MHZ-R40-B-1 ABRACON-ABM3B-125.000MHZ-R40-B-1 Datasheet
1Mb / 3P
CERAMIC SMD CRYSTAL
08.25.15
ABM3B-125.000MHZ-R40-B-2 ABRACON-ABM3B-125.000MHZ-R40-B-2 Datasheet
1Mb / 3P
CERAMIC SMD CRYSTAL
08.25.15
More results

Similar Description - ABM3B

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX252B FOX-FX252B Datasheet
150Kb / 1P
Ceramic SMD Crystal
FX532 FOX-FX532 Datasheet
218Kb / 2P
Ceramic SMD Crystal
logo
Abracon Corporation
ABM3B ABRACON-ABM3B_08 Datasheet
202Kb / 2P
CERAMIC SMD CRYSTAL
Revised O: 03.11.08
ABM3B-10.000MHZ-10-1-U-T ABRACON-ABM3B-10.000MHZ-10-1-U-T Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL
04.19.13
ABM3B ABRACON-ABM3B_13 Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL
04.19.13
logo
Fox Electronics
FX252BS FOX-FX252BS Datasheet
506Kb / 2P
Ceramic SMD Crystal
FX1612B FOX-FX1612B Datasheet
70Kb / 1P
Ceramic SMD Crystal
logo
List of Unclassifed Man...
ABM3C-15.000MHZ-D4Y-T ETC2-ABM3C-15.000MHZ-D4Y-T Datasheet
1Mb / 3P
CERAMIC SMD CRYSTAL
logo
Fox Electronics
FX252BS-20.000 FOX-FX252BS-20.000 Datasheet
236Kb / 2P
Ceramic SMD Crystal
logo
Abracon Corporation
ABM3B-155-12.800MHZ ABRACON-ABM3B-155-12.800MHZ Datasheet
570Kb / 3P
CERAMIC SMD CRYSTAL
11.8.2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com