Electronic Components Datasheet Search
  English  ▼

X  

FDI14-250 Datasheet(PDF) 2 Page - 3M Electronics

Part # FDI14-250
Description  Highland Terminals
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

FDI14-250 Datasheet(HTML) 2 Page - 3M Electronics

  FDI14-250 Datasheet HTML 1Page - 3M Electronics FDI14-250 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Products Division
6801 River Place Blvd.
Austin, TX 78726-9000
http://www.3M.com/elpd
Litho in USA.
© 3M 2002 78-8126-0635-4-A
IMPORTANT NOTICE
Before using this product, you must evaluate it and determine if it is suitable for your intended application. You assume all risks and liability
associated with such use.
Warranty; Limited Remedy; Limited Liability. This product will be free from defects in material and manufacture as of the date of
purchase. 3M MAKES NO OTHER WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. If this product is defective within the warranty period stated above,
your exclusive remedy shall be, at 3M’s option, to replace or repair the 3M product or refund the purchase price of the 3M product. Except
where prohibited by law, 3M will not be liable for any loss or damage arising from this 3M product, whether direct, indirect,
special, incidental or consequential regardless of the legal theory asserted.
3M and Scotchlok are trademarks of 3M
Engineering Specification
Crimp-Type Female Disconnect Terminals shall,
electrically and mechanically, connect permanently to
a prestripped end of a stranded copper wire: and have a
tongue portion with fingers which grip a Male
Disconnect in a separable, reusable manner, forming
a Quick Connect Wiring Termination.
The connector line shall offer tongue variations (sized
to grip Male Tabs: 0.187˝ x .0.250˝) and barrel
variations in construction (non-insulated, nylon
insulated with insulation grip, etc.). The tongue
portion shall be marked with the wire range and
manufacturer’s symbol ( ).
The Nylon Fully Insulated 0.250˝ Female Disconnect
shall be tin plated 0.020˝ thick brass with a tongue for
gripping a 0.250˝ x 0.032˝ per ANSI/NEMA CD-2 and
a 0.25˝ long barrel covered by a nylon funnel entry
sleeve, which extends to cover the tongue, color coded
and sized for a specified (AWG) wire range (22-18,
16-14).
Insulated connectors shall be UL Listed and CSA
Certified for 600 V building wire: 1000 V signs or
lighting fixtures (luminaires) and temperature rated
221˚F (105˚C) maximum.
Female Disconnects shall be suitable for field or
factory wiring, with a UL Recognized strain relief
required.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com