Electronic Components Datasheet Search
  English  ▼

X  

CPCM28 Datasheet(PDF) 1 Page - ABB

Part # CPCM28
Description  Non-metallic systems TYPE PR, PADL & CP Non-metallic conduit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

CPCM28 Datasheet(HTML) 1 Page - ABB

  CPCM28 Datasheet HTML 1Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
16
Non-metallic systems
TYPE PR, PADL & CP Non-metallic conduit
Type
Description
Modified Polyamide (Nylon) 6
Colour Black (BL) only.
Polyester
Colour Black (BL) only.
Materials
Example
Static Applications: -40˚C to +120˚C
Moving Applications: -18˚C to +120˚C
Static Applications: -50˚C to +135˚C
Moving Applications: -25˚C to +150˚C
IP Rating with
appropriate fitting
Temperature Range
Very High
Very High
UV Resistance
Medium Flexiblity - Medium Fatigue Life
Self Extinguishing
Halogen Free
Self Extinguishing, Halogen Free
Low Smoke, Very Low Toxicity
High Flexiblity - High Fatigue Life
Flexibility & Fatigue Life
Approvals
Fire Performance
& EMI Screen
System Applications
Machinery
Public Buildings
Railways
Underground
Public Buildings
TYPE PADL NEW
STANDARD WEIGHT CONDUIT
PRODUCT CHARACTERISTICS
TYPE CP NEW
MEDIUM WEIGHT CONDUIT
IP40
IP65
IP66
IP67
IP68
IP69k
NEW
n/a
n/a
Type ALD
Type ALD + ALS Seal
Type ALD + ALS Seal
Type ALD + ALS Seal
For use with following fittings;
Adaptalok Type ALD
n/a
n/a
Adaptalok or Adaptaseal Fittings
Adaptalok Fittings + ALS Seal & Adaptaseal Fittings
Adaptalok Fittings + ALS Seal & Adaptaseal
Adaptalok Fittings + ALS Seal
For use with following fittings;
Adaptalok, & Adaptaseal
13
13.0 10.0
F
16
15.8 13.0
F
17
17.8 17.0
C
21
21.2 17.0
F
21
21.2 17.0
C
22
21.8 20.0 C
28
28.5 23.0 C
34
34.5 29.0 C
42
42.5 36.0 C
54
54.5 48.0 C
80
79.3 70.0 C
106 106.0 95.0 C
––
–
–
––
–
–
PADL17
13.5
35
50
––
–
–
––
–
–
PADL22
16.6
45
50
PADL28
22.6
50
25, 50
PADL34
27.7
60
25, 50
PADL42
35.2
65
10, 25
––
–
–
––
–
–
––
–
–
CPFM13
9.5
35
50
CPFM16
11.3
45
50
––
–
–
CPFM21
16.0
60
50
––
–
–
––
–
–
CPCM28
21.3
70
50
CPCM34
27.2
75
50
CPCM42
34.2
90
25
CPCM54
46.0
95
25
––
–
–
––
–
–
TYPE PR
STANDARD WEIGHT CONDUIT
Modified Polyamide (Nylon) 6
Colour Black (BL) only.
Static Applications: -40˚C to +120˚C
Moving Applications: -5˚C to +120˚C
Very High
High Flexiblity - High Fatigue Life
Railways
Underground
Public Buildings
Adaptaring & Jumbo Fittings
Jumbo Fittings + SK Seal
Adaptalok or Adaptaseal Fittings
Adaptalok + ALS Seal or Adaptaseal Fittings
Adaptalok + ALS Seal or Adaptaseal Fittings
Adaptalok Fittings + ALS Seal
For use with following fittings;
Adaptalok, Adaptaring, Adaptaseal & Jumbo
PRFS13
9.4
25
50
PRFS16
11.7
35
50
PRFS21
16.6
45
50
PRCS21
14.7
45
50
––
–
–
PRCS28
21.7
50
50
PRCS34
27.7
60
50
PRCS42
35.1
65
25
PRCS54
46.6
75
25
PRCS80
67.3
180
10
PRCS106
106.0
240
10
TYPE A - ADAPTALOK NEW
STRAIGHT FITTING - FIXED EXTERNAL THREAD
For insertion into threaded entries & knockouts.
Polyamide (Nylon) 66
Colour Black (BL) & Grey (GR).
1/2
ALD17/050/A
1/2
ALD22/050/A
3/4
ALD28/075/A
1
ALD34/100/A
1
1/4
ALD42/125/A
17
22
28
34
42
1/2 ALD17/050/C90
1/2 ALD22/050/C90
3/4 ALD28/075/C90
1
ALD34/100/C90
1
1/4 ALD42/125/C90
17
22
28
34
42
TYPE C90 - ADAPTALOK NEW
90˚ELBOW FITTING - FIXED EXTERNAL THREAD
For insertion into knockouts using a locknut.
Note.
Other fittings available. Contact our Sales Office for
further details.
For use only wth PADL conduit,
to maintain the UL 1696 approval
For use only wth PADL conduit,
to maintain the UL 1696 approval
Polyamide (Nylon) 66
Colour Black (BL) & Grey (GR) .
To order quote part no, colour & reel length - e.g. PRFS13/BL/25M
AflexNWCatNonMetFirst12.qxd
26/1/06
7:27 am
Page 5


Similar Part No. - CPCM28

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
CPCM681680 SUPERWORLD-CPCM681680 Datasheet
279Kb / 2P
10/100 Base-T Magnetics Modules
CPCM681682 SUPERWORLD-CPCM681682 Datasheet
278Kb / 2P
10/100 Base-T Magnetics Modules
CPCM681686 SUPERWORLD-CPCM681686 Datasheet
278Kb / 2P
10/100 Base-T Magnetics Modules
More results

Similar Description - CPCM28

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
NBX-10975-PL BUD-NBX-10975-PL Datasheet
206Kb / 2P
LARGE NON-METALLIC ENCLOSURES
logo
List of Unclassifed Man...
NBD-10442 ETC2-NBD-10442 Datasheet
104Kb / 2P
NON-METALLIC ENCLOSURE
logo
Molex Electronics Ltd.
130096-0069 MOLEX11-130096-0069 Datasheet
45Kb / 1P
Liquid-Tight Grip Strain Relief for Non-Metallic Type A Flexible Conduit
1300960070 MOLEX11-1300960070 Datasheet
36Kb / 1P
Liquid-Tight Grip Strain Relief for Non-Metallic Type A Flexible Conduit
1300960071 MOLEX-1300960071 Datasheet
150Kb / 1P
STRAIN RELIEF L.T. NON-METALLIC TYPE A CONDUIT - STRAIGHT MALE
2015/04/27
1300960072 MOLEX-1300960072 Datasheet
148Kb / 1P
STRAIN RELIEF L.T. NON-METALLIC TYPE A CONDUIT RIGHT ANGLE MALE
2015/04/27
1300960074 MOLEX-1300960074 Datasheet
148Kb / 1P
STRAIN RELIEF L.T. NON-METALLIC TYPE A CONDUIT RIGHT ANGLE MALE
2015/04/27
1300960076 MOLEX-1300960076 Datasheet
148Kb / 1P
STRAIN RELIEF L.T. NON-METALLIC TYPE A CONDUIT RIGHT ANGLE MALE
2015/04/27
1300960077 MOLEX-1300960077 Datasheet
150Kb / 1P
STRAIN RELIEF L.T. NON-METALLIC TYPE A CONDUIT - STRAIGHT MALE
2015/04/27
1300960078 MOLEX-1300960078 Datasheet
148Kb / 1P
STRAIN RELIEF L.T. NON-METALLIC TYPE A CONDUIT RIGHT ANGLE MALE
2015/04/27
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com