Electronic Components Datasheet Search
  English  ▼

X  

IAR3F Datasheet(PDF) 1 Page - APEM

Part # IAR3F
Description  Low profile pushbutton switches for harsh environments - bushing Ø 16 mm - momentary
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

IAR3F Datasheet(HTML) 1 Page - APEM

  IAR3F Datasheet HTML 1Page - APEM IAR3F Datasheet HTML 2Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IA series
Low profile pushbutton switches for harsh environments - bushing Ø 16 mm - momentary
Distinctive features - Specifications - Overview
APEMwww.apem.com
B1-85
B1
❑
Resistant to frost, sand and hydrocarbons
❑
Tactile feedback
❑
Front panel sealed to IP67
ELECTRICALANDGENERALSPECIFICATIONS
• Max. current/voltage rating with resistive load : 2A 24VDC
• Initial contact resistance : 100mΩ max.
• Insulation resistance : 100 MΩ min. at 500VDC
• Dielectric strength : 500 Vrms
• Electrical life at full load : 1.000.000 cycles
• Panel thickness : 7 mm (.276) max.
• Total travel : 1,5 mm (.059) +/- 0,3 mm
• Typical operating force : 7N +/- 2N
• Low level or mechanical life : 1.000.000 cycles
• Torque : 0,5 to 1Nm max. applied to nut
MATERIALS
• Case/bushing : thermoplastic
• Actuator : polyurethane
• Contacts : silver, gold plated
• Multi-wire lead AWG20,
section 0,6 mm2.
• Terminal seal : epoxy
PANELMOUNTING
ENVIRONMENTALSPECIFICATIONS
• Front panel sealing (see drawing opposite) : IP67
• Salt spray : IEC 512-6, test 11f
• Operating temperature : -20°C to +65°C
IA
Actuator
shape
R round
Case colour
00 Black
Electrical
functions
3 Normally
open (NO)
5 NC/NO
combined
SERIES
Actuator colours
1
Blue
2
Black
3
Green
5
Yellow
6
Red
7/1 White
9
Orange
Terminals
F Flying leads
Contacts
1
Silver,
gold plated
A sealing boot is available to protect the switches against frost and sand. See end of this catalogue.
Mounting accessories : Standard hardware supplied : 1 hex nut 19 mm (.748) across flats and 1 flat seal.
Knurled nut U3327 available on request.
Packaging unit : 25 pieces
➀ Flat seal
Dimensions : First dimensions are in mm while inches are shown as bracketed numbers.
1
15-Serie_IA-A_09-Serie IA-A 21/11/12 14:39 Page85


Similar Part No. - IAR3F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IAR35F1100 ETC2-IAR35F1100 Datasheet
201Kb / 2P
Low profile pushbutton switches for harsh environments
More results

Similar Description - IAR3F

ManufacturerPart #DatasheetDescription
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
Sealed Momentary Pushbutton Switches
logo
Glenair, Inc.
803-008-AA2M5-3 GLENAIR-803-008-AA2M5-3 Datasheet
166Kb / 2P
Cordsets For Harsh Environments
logo
List of Unclassifed Man...
IPC3SAD ETC2-IPC3SAD Datasheet
457Kb / 6P
Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
IAR35F1100 ETC2-IAR35F1100 Datasheet
201Kb / 2P
Low profile pushbutton switches for harsh environments
ICC3SCD1100 ETC2-ICC3SCD1100 Datasheet
205Kb / 4P
Pushbutton switches for harsh environments - short case - bushing 횠 12 mm - momentary
IPC3SAD2 ETC2-IPC3SAD2 Datasheet
350Kb / 6P
Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
IPR1SAD6 ETC2-IPR1SAD6 Datasheet
357Kb / 7P
Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
ISR3SAD300 ETC2-ISR3SAD300 Datasheet
331Kb / 4P
Sealed pushbutton switches - bushing 12 mm - momentary
ISR3SAD200 ETC2-ISR3SAD200 Datasheet
343Kb / 5P
Sealed pushbutton switches - bushing 12 mm - momentary
logo
EAO AG.
82-4551.1124 EAO-82-4551.1124 Datasheet
429Kb / 2P
Illuminated pushbutton 16 mm Aluminium, momentary
05.09.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com