Electronic Components Datasheet Search
  English  ▼

X  

IAR5F Datasheet(PDF) 2 Page - APEM

Part # IAR5F
Description  Low profile pushbutton switches for harsh environments - bushing Ø 16 mm - momentary
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

IAR5F Datasheet(HTML) 2 Page - APEM

  IAR5F Datasheet HTML 1Page - APEM IAR5F Datasheet HTML 2Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IA series
Low profile pushbutton switches for harsh environments - bushing Ø 16 mm - momentary
NO
NC/NO combined
Models
Normally open (NO)
IAR3F
NC/NO combined
IAR5F
MODEL
STRUCTURE
• Panel cut-out Ø 16,2 mm (.657)
• Min. pitch for matrix mounting :
- with standard hex nut : 27 x 27 mm (1.062 x 1.062)
- with knurled nut U3327: 20 x 20 mm (.787x.787)
C
NC
NO
CONTACT MATERIAL
1
Silver, gold plated
ACTUATOR COLOURS
1 : blue - 2 : black - 3 : green - 5 : yellow - 6 : red - 7/1 : white - 9 : orange
CASE COLOUR
00 : black
Wire colours (NC/NO) : black = common, brown = NC, blue = NO
NO model has 2 terminals only.
C NC
NO
Ø16.00x1.00SI
(.629DIAx1.00IS)
EPOXY
15.50
(.610)
(.590 DIA)
Ø15.00
Ø19.80
(.779 DIA)
www.apem.com
APEM
B1-86
B1
15-Serie_IA-A_09-Serie IA-A 21/11/12 14:39 Page86



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com