Electronic Components Datasheet Search
  English  ▼

X  

G201X Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # G201X
Description  G201X STEP MOTOR DRIVE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G201X Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  G201X Datasheet HTML 1Page - List of Unclassifed Manufacturers G201X Datasheet HTML 2Page - List of Unclassifed Manufacturers G201X Datasheet HTML 3Page - List of Unclassifed Manufacturers G201X Datasheet HTML 4Page - List of Unclassifed Manufacturers G201X Datasheet HTML 5Page - List of Unclassifed Manufacturers G201X Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
G201X STEP MOTOR DRIVE
REV 5: SEPTEMBER 13, 2010
SPECIFICATIONS
Supply Voltage:
18 to 80 VDC
Phase Current:
0 to 7 Amps
Auto Current Reduction:
50% of set current, 1 second after last step pulse
Quiescent Current:
15 mA or less
Step Frequency:
0 to 300 kHz
Step Pulse “0” Time:
0.5 uS minimum (optoisolator LED on)
Step Pulse “1” Time:
3 uS minimum (optoisolator LED off)
Direction Setup:
0 uS min
Power Dissipation:
1 to 13 W (0 to 7 Amps)
Temp:
0 to 70 C
Humidity:
0 to 95 % (non-condensing)
Size:
2.5”W, 2.5”D, .85”H (63.5mm, 63.5mm, 21.5mm)
Mounting Pattern:
4 6-
32 screws, 1.75” by 2.375” (44.5 mm, 60 mm)
Weight:
3.6 oz. (100 gm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com