Electronic Components Datasheet Search
  English  ▼

X  

IZPR1F4 Datasheet(PDF) 1 Page - APEM

Part # IZPR1F4
Description  Rear mounted sealed pushbutton switches - bushing Ø 16 mm - latching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

IZPR1F4 Datasheet(HTML) 1 Page - APEM

  IZPR1F4 Datasheet HTML 1Page - APEM IZPR1F4 Datasheet HTML 2Page - APEM IZPR1F4 Datasheet HTML 3Page - APEM IZPR1F4 Datasheet HTML 4Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IZ series
Rear mounted sealed pushbutton switches - bushing Ø 16 mm - latching
Distinctive features and specifications
B-50
APEM
www.apem.com
B
New!
❑ Rear mounting for easier installation
❑ Latching action models
❑ Sealed to IP67
❑ Illuminated or non-illuminated
❑ Flat actuator for optional marking
ELECTRICAL SPECIFICATIONS
• Max. current/voltage rating with resistive load :
100mA 24VDC - 200.000 cycles
• Initial contact resistance : 100 m
Ω max.
• Insulation resistance : 1 G
Ω min. at 500VDC
• Dielectric strength : 1.500 Vrms between terminals
MATERIALS
• Case : thermoplastic UL94-V0
• Plunger : polyamide
• Bushing/bezel : polyamide
• Contacts : silver, gold plated
• Multi-wire lead AWG20,
section 0,6 mm2
• LED wire : AWG26,
section 0,12 mm2
• Lens : polycarbonate
• Terminal seal : epoxy
LED COMPONENT SPECIFICATIONS
LED colour
Forward current
Super red (L0S)
20mA
20mA
20mA
20mA
Typ. forward voltage Max. forward voltage
1,95V
2V
3,2V
3,2V
Yellow (L0Y)
Green (L0G)
Blue (L0B)
1,95V
2,05V
3,70V
4V
A resistor must be series-connected by the user.
Resistor value = supply voltage - LED forward voltage
LED forward current
On flying lead versions, the LED resistor can be integrated by APEM on request.
ENVIRONMENTAL SPECIFICATIONS
• Front panel sealing : IP67 according to IEC 60529
• Shock resistance : 100 g according to IEC 512-4, test 6c
• Vibration resistance : 10-500Hz - 10 g according to IEC 512-4, test 6d
• Salt spray : IEC 512-6, test 11f
• Operating temperature : -40°C to +85°C
GENERAL SPECIFICATIONS
• Panel thickness : 3 mm (.118) max.
• Total travel : 2,5 mm (.098) +/- 0,3 mm
• Typical operating force : 5N +/- 2N
• Mechanical life : 200.000 cycles
• Torque : 0,7 Nm max. applied to nut
• Soldering : 320°C max. for 3 sec.
PANEL CUT
-OUT
MATRIX MOUNTING
PANEL CUT
-OUT
➀ Flat seal
(.594)
15.10
(.633DIA)
Ø16.10
1
(.866)
22.00
Ø16.10
(.633DIA)
15.10
(.594)
UG1006-A


Similar Part No. - IZPR1F4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IZPR3P422 ETC2-IZPR3P422 Datasheet
489Kb / 13P
Rear mounted sealed pushbutton switches - bushing 횠 16 - metal - latching
More results

Similar Description - IZPR1F4

ManufacturerPart #DatasheetDescription
logo
GREATECS
PB66 GREATECS-PB66 Datasheet
725Kb / 3P
Illuminated Latching Pushbutton Switches
logo
C&K Components
EP11SD1ABE CK-COMPONENTS-EP11SD1ABE Datasheet
439Kb / 6P
Sealed Tiny Pushbutton Switches
GP11MCBE CK-COMPONENTS-GP11MCBE Datasheet
324Kb / 4P
Sealed Ultraminiature Pushbutton Switches
logo
E-SWITCH
700C E-SWITCH-700C Datasheet
503Kb / 3P
PUSHBUTTON SWITCHES - LATCHING
logo
List of Unclassifed Man...
IPC3SAD ETC2-IPC3SAD Datasheet
457Kb / 6P
Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
IPC3SAD2 ETC2-IPC3SAD2 Datasheet
350Kb / 6P
Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
IZPR3P422 ETC2-IZPR3P422 Datasheet
489Kb / 13P
Rear mounted sealed pushbutton switches - bushing 횠 16 - metal - latching
IPR1SAD6 ETC2-IPR1SAD6 Datasheet
357Kb / 7P
Pushbutton switches for harsh environments - bushing 횠 12 mm - momentary
ISR3SAD300 ETC2-ISR3SAD300 Datasheet
331Kb / 4P
Sealed pushbutton switches - bushing 12 mm - momentary
ISR3SAD200 ETC2-ISR3SAD200 Datasheet
343Kb / 5P
Sealed pushbutton switches - bushing 12 mm - momentary
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com