Electronic Components Datasheet Search
  English  ▼

X  

F3100 Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # F3100
Description  Eaton’s Moulded Accessory Range (EMA)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

F3100 Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  F3100 Datasheet HTML 1Page - Eaton All Rights Reserved. F3100 Datasheet HTML 2Page - Eaton All Rights Reserved. F3100 Datasheet HTML 3Page - Eaton All Rights Reserved. F3100 Datasheet HTML 4Page - Eaton All Rights Reserved. F3100 Datasheet HTML 5Page - Eaton All Rights Reserved. F3100 Datasheet HTML 6Page - Eaton All Rights Reserved. F3100 Datasheet HTML 7Page - Eaton All Rights Reserved. F3100 Datasheet HTML 8Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
E521
13A 1G DP
switched socket
2 E terms
E522
13A 2G DP SW
socket 2 E terms
E315
15A 1G
switched socket
E370
Shaver socket
dual voltage
240V/110AC
E461
16A universal
2 pin socket
E301
20A DP switch
E301N 20A DP switch
with neon
E303
20A DP switch
marked
‘water heater’
E303N 20A DP switch
with neon marked
‘water heater’
E304N 20A DP switch
with neon marked
‘air conditioner’
E200
13A unswitched
connection unit
E200N 13A unswitched
+ neon
E201
13A fused
switched
E201N 13A fused
switched + neon
E210
20A flex outlet
plate
E212
Cable outlet
adaptor plate
for fused
connection unit
and 20A switch
E111
13A 1G
unswitched socket
E511
13A 1G
switched socket
E511N 13A 1G
switched socket
+ neon
E512
13A 2G
switched socket
E512N 13A 2G
switched socket
+ neon
Standards
To BS1363: Part 4
20A flex outlet plate: To BS5733
Dimensions
1G – 86mm x 86mm
Standards
13A sockets: To BS1363: Part 2
15A sockets: To BS546
Shaver socket: To BS3535: Part1
Dimensions
1G – 86mm x 86mm
2G – 86mm x 146mm
Standards
20A switches: To BSEN 60669-1
Dimensions
1G – 86mm x 86mm
Connection Units
Sockets
20A Switches
E200N
E201
E201N
E210
E200
E301
E301N
E303
E111
E511
E512
E512N
E522
E315
E461
E521
E370
E511N
E212



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com