Electronic Components Datasheet Search
  English  ▼

X  

T2322ST Datasheet(PDF) 1 Page - Stontronics Ltd.

Part # T2322ST
Description  12 Watt Desktop C8 SMPSU Range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STONTRONICS [Stontronics Ltd.]
Direct Link  
Logo STONTRONICS - Stontronics Ltd.

T2322ST Datasheet(HTML) 1 Page - Stontronics Ltd.

  T2322ST Datasheet HTML 1Page - Stontronics Ltd. T2322ST Datasheet HTML 2Page - Stontronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12 Watt Desktop C8 SMPSU Range
Electrical Specifications
Universal AC Input 90—264Vac
High Quality and High Reliability
No minimum load requirement
Low ripple & noise
100% burn-in test
Energy Saving: Efficiency Level V ErP/EuP
Safety: UL, cUL, GS, CE, FCC
1 year warranty
Model No.
Part No.
T2301ST
T2319ST
T2322ST
T2300ST
T2318ST
T2323ST
T3624ST
T2321ST
T2317ST
T2500ST
Voltage
5Vdc
6Vdc
7Vdc
9Vdc
10Vdc
12Vdc
12Vdc
15V
18Vdc
24Vdc
Current (max.)
2.5A
2.0A
1.75A
1.33A
1.2A
1.0A
1.0A
0.8A
0.67A
0.5A
Current (min.)
Load Regulation
Over-Voltage
Protection
Short Circuit
Protection
Ripple & Noise
240mV p-p
DC Lead
DC Connector
Right-Angle
Operating Temp.
Storage Temp.
Operating Humidity
Storage Humidity
Voltage Range
Frequency
Mains Inlet Type
Input Rated Current
In-rush Current
Leakage Current
Efficiency (min.)
73.36%
74.7%
No Load Power
MTBF
Dimensions
Hi Pot Test I/P-O/P
Insulation I/P-O/P
0A
The output voltage shall be clamped by internal protection zener
0.25mA
1.5M or 1.83M
IEC C8 (Fig-8)
2.1x5.5x12mm C+ve
150mV p-p
+/-5%
Certification &
Approvals
3KVAC or 4242VDC 10mA 1min.
500Vdc to test the I/P to O/P resistance not to be less than 100Mohm
Safety - UL / CUL & GS approved
EMI standard : EN-55022B, FCC-PART15B
PB-free standard: RoHS Compliant
<0.3W (Meets Level V ErP/EuP)
77.7%
50K Hours
See Diagram
Straight 2.1x5.5x12mm C+ve
100mV p-p
150mV p-p
O/P Shutdown Auto Restart
10 to 90% RH Non-Condensing
90 to 264VAC
47 to 63Hz
300mA RMS Max
30A Max. at 115VAC cool start / 60A Max. at 230VAC cool start
0 to 40
°C
-10 to 70
°C
20 to 80% RH Non-Condensing
Level
Efficiency


Similar Part No. - T2322ST

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
T2322 MOTOROLA-T2322 Datasheet
79Kb / 4P
SENSITIVE GATE TRIACs 2.5 AMPERES RMS 200 thru 600 VOLTS
logo
List of Unclassifed Man...
T2322 ETC-T2322 Datasheet
188Kb / 4P
2.5-A SENSITIVE GATE SILICON TRIACS
T2322 ETC1-T2322 Datasheet
429Kb / 3P
TRIANGULAR TYPE
logo
Digitron Semiconductors
T2322 DIGITRON-T2322 Datasheet
134Kb / 2P
SILICON BIDIRECTIONAL THYRISTORS
logo
Kersemi Electronic Co.,...
T2322 KERSEMI-T2322 Datasheet
401Kb / 4P
Silicon Bidirectional Thyristors
More results

Similar Description - T2322ST

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU15A ASTRODYNE-SPU15A Datasheet
918Kb / 5P
15 Watt Desktop Switching Power Adapters
SPU45 ASTRODYNE-SPU45 Datasheet
1Mb / 4P
45 Watt Desktop Switching Power Adapters
SPU130 ASTRODYNE-SPU130 Datasheet
571Kb / 3P
130 Watt Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
PUP60 TRUMPOWER-PUP60 Datasheet
177Kb / 2P
60-130 WATT DESKTOP POWER ADAPTERS
logo
Volgen Kaga Electronics...
KTPS24-0540DT-2P VOLGEN-KTPS24-0540DT-2P Datasheet
1Mb / 1P
Volgen 24 Watt Desktop Series
logo
List of Unclassifed Man...
FWC100012A-12B ETC2-FWC100012A-12B Datasheet
114Kb / 3P
100 Watt ITE Desktop Power Supply
logo
Wall Industries,Inc.
WMHPU12 WALL-WMHPU12 Datasheet
218Kb / 5P
90 - 264VAC Input Voltage Range 12 Watt, Single Outputs
logo
Volgen Kaga Electronics...
KTPS36-0940DT-3P-VI-C-P1 VOLGEN-KTPS36-0940DT-3P-VI-C-P1 Datasheet
440Kb / 3P
50 Watt Universal Input, Desktop Adapter
KTPS65-1543DT-3P-VI-C-P1 VOLGEN-KTPS65-1543DT-3P-VI-C-P1 Datasheet
546Kb / 3P
65 Watt Universal Input, Desktop Adapter
KTPS65-2427DT-3P VOLGEN-KTPS65-2427DT-3P Datasheet
113Kb / 2P
65 Watt Universal Input, Desktop Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com