Electronic Components Datasheet Search
  English  ▼

X  

IRL Datasheet(PDF) 1 Page - Lorlin Electronics Ltd.

Part # IRL
Description  IRL IMPULSION LOCK SWITCHES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

IRL Datasheet(HTML) 1 Page - Lorlin Electronics Ltd.

  IRL Datasheet HTML 1Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Lorlin Electronics Ltd, Harwood Industrial Estate, Harwood rd, Littlehampton, W. Sussex BN17 7At England
Tel (+44) 01903 725121 Fax (+44) 01903 726808 E-mail sales@lorlin.co.uk
1
GENERAL ELECTRICAL &
MECHANICAL SPECIFICATION
GENERAL FEATURES
DOUBLE POLE LOCK SWITCH
DOUBLE POLE LOCK SWITCH
o
Made in UK.
o
Miniature key-operated Lock switch.
o
Double pole
o
Up to 200 key combinations – keys to
differ. (D reference at end of part no)
o
Common keys available – keys to pass.
o
Keys are double entry (they can be
inserted into the lock either way up).
o
Occupies small panel area.
o
Easily assembled through front of
equipment panel.
o
Rear projection less than 30mm from
panel.
Parallel Lock Head 60º Indexing
Tapered Lock Head 60º Indexing
TWO POSITION ONLY SPRING BACK TO POSITION 1. KEY REMOVEABLE IN POSITION 1 ONLY
Switch Rating:
(Switching Resistive load):
1A @ 115Vac
1A @ 24Vdc
Life:
>10,000 Cycles
Operating Temperature:
-20ºC to +65 ºC
Proof Voltage:
750 Vdc (Initial)
Insulation Resistance:
>999 M at 500Vdc (Initial)
Contact Resistance:
<20 m (Initial)
Lock Type:
5 Disc
Std. Qty. of Keys per Lock: 2 Mild Steel Ni Plated
Contact Material:
Brass CZ108 Ag Plated
Moulding Material:
Polyamide 6.6 G.F. V0 Rated
Lock Housing:
Zinc Alloy Bright Cr Plated
BASIC
PART No.
TOTAL
MOVEMENT
INDEXING
KEY
WITHDRAWAL
POSITIONS
SWITCH
CONFIGURATION
IRL-5-K-S-2
IRL-5-K-D-2
60º
60º
1 ONLY
BASIC
PART No.
TOTAL
MOVEMENT
INDEXING
KEY
WITHDRAWAL
POSITIONS
SWITCH
CONFIGURATION
IRL-5-M-S-2
IRL-5-M-D-2
60º
60º
1 ONLY
IRL IMPULSION LOCK SWITCHES
RoHS COMPLIANT


Similar Part No. - IRL

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
IRL LORLIN-IRL Datasheet
888Kb / 2P
IRL IMPULSION LOCK SWITCH 2 & 3 POSITION
logo
ams-OSRAM AG
IRL 81A AMSOSRAM-IRL 81A Datasheet
1Mb / 15P
High Power Infrared Emitter
Version 1.9 2022-08-08
IRL 81A-RS AMSOSRAM-IRL 81A-RS Datasheet
1Mb / 15P
High Power Infrared Emitter
Version 1.9 2022-08-08
logo
Lorlin Electronics Ltd.
IRL-5-D-D-2 LORLIN-IRL-5-D-D-2 Datasheet
888Kb / 2P
IRL IMPULSION LOCK SWITCH 2 & 3 POSITION
IRL-5-D-S-2 LORLIN-IRL-5-D-S-2 Datasheet
888Kb / 2P
IRL IMPULSION LOCK SWITCH 2 & 3 POSITION
More results

Similar Description - IRL

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
MP0025 BULGIN-MP0025 Datasheet
1Mb / 24P
Switches
logo
List of Unclassifed Man...
8E1011-Z ETC2-8E1011-Z Datasheet
516Kb / 2P
LEVER LOCK TOGGLE SWITCHES
logo
Honeywell Accelerometer...
BZ-2RQ-A2 HONEYWELL-ACC-BZ-2RQ-A2 Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
CSNX25 HONEYWELL-ACC-CSNX25 Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
HIH-4010-001 HONEYWELL-ACC-HIH-4010-001 Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
logo
List of Unclassifed Man...
SRL-5-D-D-2 ETC2-SRL-5-D-D-2 Datasheet
362Kb / 2P
SRL LOCK SWITCHES
logo
Lorlin Electronics Ltd.
CKIS LORLIN-CKIS Datasheet
584Kb / 2P
CKIS IMPULSION LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
IRL LORLIN-IRL Datasheet
888Kb / 2P
IRL IMPULSION LOCK SWITCH 2 & 3 POSITION
MIS LORLIN-MIS Datasheet
301Kb / 2P
MIS IMPULSION LOCK SWITCH WITH BRACKETED MAINS SWITCH MODULE
WIRL LORLIN-WIRL Datasheet
765Kb / 2P
WIRL IP66/IP67 SEALED IMPULSION LOCK SWITCH 2 & 3 POSITION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com