Electronic Components Datasheet Search
  English  ▼

X  

A01 Datasheet(PDF) 1 Page - APEM

Part # A01
Description  LABEL, EMERGENCY STOP RoHS : Compliant
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

A01 Datasheet(HTML) 1 Page - APEM

  A01 Datasheet HTML 1Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
G-10
APEM
www.apem.com
A01 series
Emergency stop switches
Panel cut-out Ø 16 (.630)
G
60 mm Ø Self
Adhesive Label
(.020)
(.709)
(.110)
(.709)
(.472)
12.00
0.50
18.00
2.80
18.00
CD
• Prominent 24 mm (.944) dia. or optional 40 mm (1.575) dia. red mushroom actuator
• Highly reliable positive break switch
• Push to shut off switch, twist to reset to ON
• Approved to UL 1054 / EN 60947-5-1
An emergency stop switch assembly requires
: operator + switch block.
To order, specify with single pole or double pole positive break switch block.
N.C.
Operator
Switch block
Accessory
❶
❷
General specifications
• Min. mechanical life : 6.050 cycles (6 cycles per minute)
• Operating force / torque : 16 N / 0,1 Nm
• Operating temperature : -20°C to +55°C
• Solder heat resistance : 350°C, 5 secs (IEC 68-2-2-20Tb, method 2)
• Degree of environmental protection (IEC 529) :
IP65 front of panel, IP40 back of panel
• Switch terminals : solder/quick-connect 2,8 mm (.110) (IEC 68-2-20)
Electrical specifications
• Current/voltage rating :
1,5A 250VAC AC-15
• Contact gap : > 3 mm (.118)
• Dielectric strength : 2.900V
• Electrical life : 6.050 cycles
Option : SP3 version
No of poles
Part No
Single pole
A0150BUL
Double pole
A0154BUL
Description
Part No
24 mm Ø Emergency stop
A01ES
40 mm Ø Emergency stop
A01ES SP3
Description
Part No
Yellow label with text
A01YL1
Yellow label
A01YL2


Similar Part No. - A01

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A01 DBLECTRO-A01 Datasheet
282Kb / 1P
IDC SOCKET
logo
XP Power Limited
A01 XPPOWER-A01 Datasheet
1Mb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Mitsumi Electronics, Co...
A01 MITSUMI-A01 Datasheet
51Kb / 4P
3 to 4 cell Lithium-ion/Lithium-polymer battery secondaryr potection protection IC
logo
M-System Co.,Ltd.
A01 MSYSTEM-A01 Datasheet
87Kb / 2P
Field-mounted Two-wire Signal Conditioners 6-UNIT
logo
RCD COMPONENTS INC.
A01-100NS-B RCD-A01-100NS-B Datasheet
90Kb / 1P
ACTIVE (DIGITAL) DELAY LINES SINGLE, DUAL, TRIPLE, QUAD DELAYS
More results

Similar Description - A01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCF5 ETC2-VCF5 Datasheet
70Kb / 2P
TeSys Vario - emergency stop switch
logo
PHOENIX CONTACT
2819189 PHOENIX-2819189 Datasheet
79Kb / 5P
Emergency-stop Y plug
logo
Banner Engineering Corp...
SSA-EB BANNER-SSA-EB Datasheet
763Kb / 4P
SSA-EB Series Emergency Stop Buttons
logo
Schneider Electric
ZBY9330 SCHNEIDER-ZBY9330 Datasheet
93Kb / 2P
marked legend 횠60 for emergency stop - EMERGENCY STOP/logo ISO13850
Aug 10, 2020
ZBY8330 SCHNEIDER-ZBY8330 Datasheet
96Kb / 2P
Harmony XB4, Legend, plastic, yellow, 횠90, for emergency stop, marked EMERGENCY STOP with logo ISO13851
Nov 8, 2021
9001SKR9P1LRRH13 SCHNEIDER-9001SKR9P1LRRH13 Datasheet
71Kb / 1P
SWITCH EMERGENCY STOP
Jan 13, 2022
ZBY9330T SCHNEIDER-ZBY9330T Datasheet
119Kb / 2P
Harmony XB4, Legend holder 횠60 for emergency stop, plastic, yellow, for padlocking,marked EMERGENCY STOP
Jan 22, 2022
logo
Pepperl+Fuchs Inc.
VAZ-F85A-MH PF-VAZ-F85A-MH Datasheet
108Kb / 1P
Mounting aid for EMERGENCY STOP button
2015-01-13
logo
IDEC Corporation
XA-SERIES IDEC-XA-SERIES Datasheet
3Mb / 64P
Emergency Stop Switches
JULY 2017
logo
Pepperl+Fuchs Inc.
VAZ-2E1A-F85A-S PF-VAZ-2E1A-F85A-S Datasheet
738Kb / 3P
Emergency stop button
2021-04-08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com