Electronic Components Datasheet Search
  English  ▼

X  

A0263C Datasheet(PDF) 4 Page - APEM

Part # A0263C
Description  ACTUATOR, SWITCH, SQUARE, LATCH RoHS : Compliant
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

A0263C Datasheet(HTML) 4 Page - APEM

  A0263C Datasheet HTML 1Page - APEM A0263C Datasheet HTML 2Page - APEM A0263C Datasheet HTML 3Page - APEM A0263C Datasheet HTML 4Page - APEM A0263C Datasheet HTML 5Page - APEM A0263C Datasheet HTML 6Page - APEM A0263C Datasheet HTML 7Page - APEM A0263C Datasheet HTML 8Page - APEM A0263C Datasheet HTML 9Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
APEM
www.apem.com
G-19
G
A02 series
Indicators
Panel cut-out Ø 22 (.866) or 29,5 x 21,5 (1.160x.846)
An indicator assembly requires
:
Screen + lamp, LED or LED assembly + operator.
To order these elements, select desired model numbers from tables below.
Example
: IP65 rectangular indicator with red screen and 12V red LED assembly = A0261B, A0242J1 and A0272.
(1.417)
(1.142 SQ)
(1.142 DIA)
29.00x29.00
Ø29.00
36.00
33.50
(1.319)
33.50
(1.319)
(.827)
21.00
(.827)
21.00
Screen
Lamp
Operator
SCREEN ENGRAVING / INSERTABLE LEGENDS : contact APEM.
Bezel:
rectangular,
square,
round,
White or blue LED assembly :
contact APEM.
❶
❷
❸
UNSEALED INDICATORS (IP40)
:
add “01” to end of operator model number.
Bezel
Description
Lamp type
Part No
Indicator
Lamp/LED
A0271
Indicator
LED assy
A0272
Indicator
Lamp/LED
A0273
Indicator
LED assy
A0274
Indicator
Lamp/LED
A0275
Indicator
LED assy
A0276
Bezel
Colour
Part No
black
A0261A
red
A0261B
amber
A0261C
yellow
A0261D
green
A0261E
blue
A0261F
clear
A0261G
white
A0261J
black
A0262A
red
A0262B
amber
A0262C
yellow
A0262D
green
A0262E
blue
A0262F
clear
A0262G
white
A0262J
black
A0263A
red
A0263B
amber
A0263C
yellow
A0263D
green
A0263E
blue
A0263F
clear
A0263G
white
A0263J
Lamp
Voltage
Part No
Filament
6.3V
A0141A
Filament
14V
A0141B
Filament
28V
A0141C
Filament
36V
A0141D
Filament
48V
A0141E
Filament
60V
A0141F
Neon
110V
A0143G
Neon
220V
A0143H
LED
model numbers: see A01
pages G6-G7.
LED assy
6V
A0242H*
LED assy
12V
A0242J*
LED assy
24V
A0242K*
LED assy
6V
A0243H*
LED assy
12V
A0243J*
LED assy
24V
A0243K*
LED assy
6V
A0244H*
LED assy
12V
A0244J*
LED assy
24V
A0244K*
Replace * with colour code
1
: red
for LED assemblies:
2
: green
3
: amber



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com