Electronic Components Datasheet Search
  English  ▼

X  

A0141B Datasheet(PDF) 2 Page - APEM

Part # A0141B
Description  ACTUATOR, SWITCH, SQUARE, LATCH RoHS : Compliant
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

A0141B Datasheet(HTML) 2 Page - APEM

  A0141B Datasheet HTML 1Page - APEM A0141B Datasheet HTML 2Page - APEM A0141B Datasheet HTML 3Page - APEM A0141B Datasheet HTML 4Page - APEM A0141B Datasheet HTML 5Page - APEM A0141B Datasheet HTML 6Page - APEM A0141B Datasheet HTML 7Page - APEM A0141B Datasheet HTML 8Page - APEM A0141B Datasheet HTML 9Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
APEM
www.apem.com
G-17
G
A02 series
Metal bezel pushbutton switches and indicators
Panel cut-out Ø 22 (.866)
SCREEN ENGRAVING / INSERTABLE LEGENDS : contact APEM.
Bezel:
rectangular,
square,
round,
‘Illum’ - illuminated,
‘Non-illum’ - non illuminated
A pushbutton assembly requires
:
screen + lamp (if illuminated) + operator + one or two switch blocks.
An indicator assembly requires
: screen + lamp + operator
To order these elements, select desired model numbers from tables below.
Example
: IP65 illuminated metal bezel maintained pushbutton, switch block with 2 N.O. contacts,
red screen and 12V red LED assembly = A0263B, A0244J1, A0211X and A02503UL.
N.C.
N.O.
N.O./N.C.
❶
❷
❸❹
Screen
Lamp
Operator
Switch block
Second switch block
White or blue LED assembly :
contact APEM.
To achieve 3 or 4 pole switching,
add second switch block, from
above table.
Std bezel material : nickel plated brass.
For optional black finish, add “G” to the end of
operator
model number.
UNSEALED SWITCHES (IP40)
:
add “01” to end of operator model number.
(1.142DIA)
Ø29.00
(1.338)
34.00
(.826)
21.00
(1.142DIA)
Ø29.00
Bezel Colour
Part No
black
A0263A
red
A0263B
amber
A0263C
yellow
A0263D
green
A0263E
blue
A0263F
clear
A0263G
white
A0263J
Lamp
Voltage
Part No
Filament
6.3V
A0141A
Filament
14V
A0141B
Filament
28V
A0141C
Filament
36V
A0141D
Filament
48V
A0141E
Filament
60V
A0141F
Neon
110V
A0143G
Neon
220V
A0143H
LED
model numbers: see A01
pages G6-G7.
LED assy
6V
A0244H*
LED assy
12V
A0244J*
LED assy
24V
A0244K*
Replace * with colour code
1
: red
for LED assemblies:
2
: green
3
: amber
Bezel
Description
Lamp type
Part No
Illum, momentary
Lamp/LED
A0210Y
Illum, maintained
Lamp/LED
A0210X
Illum, momentary
LED assy
A0211Y
Illum, maintained
LED assy
A0211X
Non-illum, momentary
A0212Y
Non-illum, maintained
A0212X
Illum, indicator
Lamp/LED
A0277
Illum, indicator
LED assy
A0278
Contacts
Part No
1 N.O.
A02501UL
1 N.C.
A02502UL
2 N.O.
A02503UL
2 N.C.
A02504UL
1 N.O./1 N.C.
A02505UL
Contacts
Part No
1 N.O.
A02506UL
1 N.C.
A02507UL
2 N.O.
A02508UL
2 N.C.
A02509UL
1 N.O./1 N.C.
A02510UL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com