Electronic Components Datasheet Search
  English  ▼

X  

A0142L3 Datasheet(PDF) 9 Page - APEM

Part # A0142L3
Description  ACTUATOR, SWITCH, SQUARE, LATCH RoHS : Compliant
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

A0142L3 Datasheet(HTML) 9 Page - APEM

Back Button A0142L3 Datasheet HTML 2Page - APEM A0142L3 Datasheet HTML 3Page - APEM A0142L3 Datasheet HTML 4Page - APEM A0142L3 Datasheet HTML 5Page - APEM A0142L3 Datasheet HTML 6Page - APEM A0142L3 Datasheet HTML 7Page - APEM A0142L3 Datasheet HTML 8Page - APEM A0142L3 Datasheet HTML 9Page - APEM A0142L3 Datasheet HTML 10Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
G-24
APEM
www.apem.com
A02 series
Industrial controls
Installation
G
Modular construction / panel mounting
PANEL CLAMP
END CAP
SWITCH BLOCK
ADAPTOR BLOCK
OPERATOR
FIXING
NUT
PANEL
SEAL
BULB
POLARISING
DOT
REFLECTOR
LEGEND
LOCATING
SLOT
SCREEN
FIXING SCREW
EMERGENCY
STOP
ROTARY
LEVERS SWITCHES
KEYLOCK
SWITCHES
PUSHBUTTONS & INDICATORS
PANEL CUT
-OUT
Round & square operators
Rectangular operators
Max. panel thickness : 8 mm (.315)
PANEL MOUNTING ASSEMBLY
• Drill/punch hole in panel as shaped above.
• Assemble front operator through hole and :
a/ Round & square types : tighten nut to a maximum
torque of 0,8Nm using tool No 30-0001. Snap on
adaptor block
b/ Rectangular types : tighten two panel fixing screws in
front to a maximum torque of 6cNm.
• Wire chosen switch block as required and snap onto
front operator.
• Snap end cap onto switch block.
• Fit bulb if required using tool No 30-0002.
• Snap screen onto reflector assembly with legend in
between if required ans snap into front operator TAKING
CARE TO LINE UP THE LOCATING SLOT WITH THE
POLARISING DOT, and not to damage the seal.
TO REMOVE BULB
Remove reflector/screen assembly. Use the bulb extractor
30-0002 to remove the bulb.
TO REMOVE SWITCH BLOCK
Lever out latches using small screwdriver taking care not to
overbend, and pull off the block from the front operator.
(.511)
13.00
0.00/+0.50
Ø22.00
(.866 DIA
)
.000/+.019
.000/+.019
(1.161
)
29.50
0.00/+0.50
A02 Accessories
Part No : 14-0005
End cap terminal guard offering unique terminal protection.
6.35 mm push on tab terminals.
Specify “SP” to the end of the switchblock and operator P/N.
Example : A02503SP.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com