Electronic Components Datasheet Search
  English  ▼

X  

DR100 Datasheet(PDF) 3 Page - Black Box Registered Trademark

Part # DR100
Description  DIN Rail Converter and Repeaters with Opto-Isolation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

DR100 Datasheet(HTML) 3 Page - Black Box Registered Trademark

  DR100 Datasheet HTML 1Page - Black Box Registered Trademark DR100 Datasheet HTML 2Page - Black Box Registered Trademark DR100 Datasheet HTML 3Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
724-746-5500
blackbox.com
BLACK BOX®
4/28/2010
#26667
3 of 3
Item
Code
RS-232↔RS-422/RS-485 DIN Rail Converter with Opto-Isolation
ICD100a
DIN Rail Repeaters with Opto-Isolation
RS-422/RS-485
ICD102a
RS-232
ICD103a
You may also need…
DIN Rail, 1-m (3.2-ft.)
Dr100
DB25 to Terminal Block Adapter
IC980
To power six converters, order…
DIN Rail 12-VDC Power Supply
PsD100
ICD100A
ICD102A
DIN rail usage.
DIN rail is an industry-standard metal rail, usually installed
inside an electrical enclosure, which serves as a mount for
small electrical devices specially designed for use with DIN
rails. These devices snap right onto the rails, sometimes
requiring a set screw, and are then wired together.
Many different devices are available for mounting on DIN
rails: terminal blocks, interface converters, media converter
switches, repeaters, surge protectors, PLCs, fuses, or power
supplies, just to name a few.
DIN rails are a space-saving way to accommodate
components. And because DIN rail devices are so easy to install,
replace, maintain, and inspect, this is an exceptionally convenient
system that has become very popular in recent years.
A standard DIN rail is 35 millimeters wide with raised-lip
edges, its dimensions outlined by the Deutsche Institut für
Normung, a German standardization body. Rails are generally
available in aluminum or steel and may be cut for installation.
Depending on the requirements of the mounted components,
the rail may need to be grounded.
technically speaking
Distance (Maximum) — ICD100A: 4000 ft. (1219.2 m)
Isolation — ICD100A: 2000 VAC optical isolation of data signals and ground;
ICD102A: 2000 VRMS for 1 minute of optical isolation of data lines;
ICD103A: 2000 VDC for 1 minute
Operation — ICD100A: RS-232: Half- or full-duplex;
RS-485: 2-wire half-duplex or 4-wire full-duplex;
RS-422: Full-duplex;
ICD102A: RS-485: 2-wire half-duplex or 4-wire full-duplex;
RS-422: Full-duplex;
ICD103A: RS-232: Half- or full-duplex
Speed — ICD100A: 2400 bps to 19.2 kbps, switch-selectable; other rates
available between 1200 bps and 115.2 kbps;
ICD102A: 2400 bps to 115.2 kbps, switch-selectable; other rates
available up to 460.8 kbps;
ICD103A: Up to 115.2 kbps
Surge Suppression — ICD100A: Bidirectional avalanche breakdown device: 7.5 V;
Peak power dissipation: 500 W;
Clamping time: <1 psec
ICD102A: Bidirectional overvoltage suppressor: 6.5 V;
Peak power dissipation: 600 W;
Capacitance (maximum): 3000 pF
CE Approval — Yes
Connectors — ICD100A: (2) 6-position terminal blocks, (1) DB9 F (DCE);
ICD102A–ICD103A: (2) 6-position terminal blocks
Indicators — ICD100A: (3) LEDs: (1) RS-485 transmit data, (1) RS-485 receive
data, (1) power;
ICD102A: (2) LEDs: Data flow direction;
ICD103A: (5) LEDs: (4) data flow direction, (1) power
Operating Environment — Temperature: -40 to +176° F (-40 to +80° C);
Humidity: Up to 95% noncondensing
Power — 10–30 VDC, 100 mA
Size — ICD100A: 1"H x 3.1"W x 4.2"D (2.5 x 7.9 x 10.7 cm);
ICD102A: 0.9"H x 2.9"W x 3.9"D (2.3 x 7.4 x 9.9 cm);
ICD103A: 1"H x 2.9"W x 3.9"D (2.5 x 7.4 x 9.9 cm
T ec h S P ec S



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com