Electronic Components Datasheet Search
  English  ▼

X  

RUMC2AB1B7 Datasheet(PDF) 4 Page - Schneider Electric

Part # RUMC2AB1B7
Description  universal plug-in relay - Zelio RUM - 2 C/O - 24 V AC - 10 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RUMC2AB1B7 Datasheet(HTML) 4 Page - Schneider Electric

  RUMC2AB1B7 Datasheet HTML 1Page - Schneider Electric RUMC2AB1B7 Datasheet HTML 2Page - Schneider Electric RUMC2AB1B7 Datasheet HTML 3Page - Schneider Electric RUMC2AB1B7 Datasheet HTML 4Page - Schneider Electric RUMC2AB1B7 Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Product data sheet
Connections and Schema
RUMC2AB1B7
Universal Relay
Wiring Diagram
Universal Relay
Wiring Diagram
Symbols shown in blue correspond to Nema marking.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com