Electronic Components Datasheet Search
  English  ▼

X  

IS1633 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IS1633
Description  1⁄16 DIN Temperature, Process and Strain PID Controllers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IS1633 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IS1633 Datasheet HTML 1Page - List of Unclassifed Manufacturers IS1633 Datasheet HTML 2Page - List of Unclassifed Manufacturers IS1633 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
0.80 (20.3)
4.18 (105.7)MAX
TOP VIEW
TOP VIEW
Dimensions:
in (mm)
Comes with complete operator’s manual.
Ordering Examples: i1633, temperature/process controller,
output 1 relay, output 2 relay single display, 90 to 240 Vac power.
iS1643, strain/process controller, output 1 DC pulse, output 2
relay, single display, 90 to 240 Vac power.
*1 Ethernet options are available for the
i16D and iS16D
controllers only.
*2 “
-DC”, “-C24”, and “-C4EIT” not available with excitation.
*3 Analog output (option 5) is not available with “
-AL” units
or
i16A models.
*4 20 to 36 Vdc for
i16D, i16D-C4EIT, i16D-EIT and i16A
*5 “
-SM” option not available on iS16 or i16A models.
*6 Ethernet options are not available for
i16A models.
*7 For
i16Axx-AL: One alarm and one analog retransmission.
To Order Visit newportUS.com/i16 for Pricing and Details
Model No.
Output 1
Output 2
Single Display with 2 Control Outputs
i1633
Relay
Relay
i1644
DC pulse
DC pulse
i1643
DC pulse
Relay
i1642
DC pulse
0.5 A SSR
i1622
0.5 A SSR
0.5 A SSR
i1623
0.5 A SSR
Relay
i1624
0.5 A SSR
DC pulse
i1653
Analog
Relay
i1654
Analog
DC pulse
i1652
Analog
0.5 A SSR
Dual Display with 2 Control Outputs
i16D33
Relay
Relay
i16D44
DC pulse
DC pulse
i16D43
DC pulse
Relay
i16D42
DC pulse
0.5 A SSR
i16D22
0.5 A SSR
0.5 A SSR
i16D23
0.5 A SSR
Relay
i16D24
0.5 A SSR
DC pulse
i16D53
Analog
Relay
i16D54
Analog
DC pulse
i16D52
Analog
0.5 A SSR
Single Display Strain/Process Input
with 2 Control Outputs
iS1633
Relay
Relay
iS1644
DC pulse
DC pulse
iS1643
DC pulse
Relay
iS1642
DC pulse
0.5 A SSR
iS1622
0.5 A SSR
0.5 A SSR
iS1623
0.5 A SSR
Relay
iS1624
0.5 A SSR
DC pulse
iS1653
Analog
Relay
iS1654
Analog
DC pulse
iS1652
Analog
0.5 A SSR
Single Display with 2 Control Outputs and
Isolated Analog Output
i16A33
Relay
Relay
i16A24
0.5 A SSR
DC pulse
i16A42
DC pulse
0.5 A SSR
i16A43
DC pulse
Relay
Dual Display Strain/Process Input
with 2 Control Outputs
iS16D33
Relay
Relay
iS16D44
DC pulse
DC pulse
iS16D43
DC pulse
Relay
iS16D42
DC pulse
0.5 A SSR
iS16D22
0.5 A SSR
0.5 A SSR
iS16D23
0.5 A SSR
Relay
iS16D24
0.5 A SSR
DC pulse
iS16D53
Analog
Relay
iS16D54
Analog
DC pulse
iS16D52
Analog
0.5 A SSR
Ordering Suffix
Description
-AL
Limit alarm version (alarms only,
no PID control)*2*3*7
-SM
Simplified menu (on/off control or
alarms, no PID)*5
Networks Options
-EIT
Ethernet with embedded Web server
*1*6
-C24
Isolated RS232 and RS485/422,
300 to 19.2 Kb*2
-C4EIT
Ethernet with embedded Web server
+ isolated RS485/422 hub for up to
31 devices*1*2*6
Power Supply
-DC
12 to 36 Vdc, 24 Vac*2*4
Factory Setup
,FS
Factory setup and configuration
,FS(RTD-1N)
Customized "iS" Model for
MIL-T-7990B nickel RTD input,
0 to 200°C (32 to 392°F)
,FS(RTD-2N)
Customized "iS" Model for
MIL-T-7990B nickel RTD input,
-40 to 300°C (-40 to 572°F)
Software (Requires Network Option)
OPC-SERVER
LICENSE
OPC server/driver software license
Options



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com