Electronic Components Datasheet Search
  English  ▼

X  

ATV02-18PD Datasheet(PDF) 1 Page - Amphenol Sine Systems Corp.

Part # ATV02-18PD
Description  RECEPTACLE, FLANGE,18 PIN, ATV SERIES STANDRAD DIA. WIRE SEAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASS [Amphenol Sine Systems Corp.]
Direct Link  https://www.amphenol-sine.com/
Logo ASS - Amphenol Sine Systems Corp.

ATV02-18PD Datasheet(HTML) 1 Page - Amphenol Sine Systems Corp.

  ATV02-18PD Datasheet HTML 1Page - Amphenol Sine Systems Corp. ATV02-18PD Datasheet HTML 2Page - Amphenol Sine Systems Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
REV
DESCRIPTION
DATE
REVISIONS
ECO
APPR
BY
MATERIALS LIST
SIZE
PROCESS SPECIFICATIONS:
MATERIAL SPECIFICATIONS:
UNLESS OTHERWISE SPECIFIED
3 PL DEC ±0.08
1) All dimensions are in metric(mm).
2) Tolerances are as follows:
1 PL DEC ±0.30
2 PL DEC ±0.15
QUANTITY
SIGNATURES
Fractions ±1/64
Angles ±1°
APPROVAL:
ENGINEER:
CHECKED:
DRAWN:
SCALE:
DATE
PART NUMBER
REVISION
DWG NO:
C-
TYPE
SHEET
OF
ITEM
DESCRIPTION
THIS DRAWING IS SUPPLIED FOR
INFORMATION ONLY. DESIGN FEATURES,
SPECIFICATIONS AND PERFORMANCE DATA
SHOWN HEREON ARE THE PROPERTY OF
THE AMPHENOL CORPORATION. NO RIGHTS
OF REPRODUCTION ARE IMPLIED. ALL
DIMENSIONS ARE SUBJECT TO NORMAL
MANUFACTURING VARIATIONS.
CUSTOMER:
NEXT ASS'Y:
X
3) Note reference =
44724 Morley Drive
Clinton Township, MI 48036
Sine Systems - www.amphenol-sine.com
Amphenol
RECEPTACLE, FLANGE,18 PIN, ATV SERIES
STANDRAD DIA. WIRE SEAL
B
ATV02-18PX
A1
1
2
RIMON.MA
25MAY18
ORION.LI
25MAY18
TOMMY.XIE
25MAY18
NONE
A1
-
RELEASE DRAWING
25MAY18
RIMON TOMMY
NOTES: UNLESS OTHERWISE SPECIFIED
1. SEE SHEET 2 FOR KEY ARRANGEMENTS AND COLORS.
2. MATERIAL:
HOUSING: THERMOPLASTIC
SEAL: SILICONE RUBBER, COLOR: RED
3. MODIFICATIONS: FLANGE MOUNT
STANDARD DIAMETER WIRE SEAL
4. SPECIFICATIONS:
4.1 CURRENT RATING: 13 AMPS
4.2 OPERATING TEMPERATURE: -55°C TO +125°.
4.3 DIELECTRIC WITHSTANDING VOLTAGE: LESS THAN 2
MILLIAMPS CURRENT LEAKAGE @ 1500 VOLTS AC.
4.4 INSULATION RESISTANCE: 1000 MEGOHMS MIN @ 25°.
4.5 MOISTURE RESISTANCE: IP67 ( MATED CONDITION )
4.6 MATING CYCLE DURABILITY: 100 CYCLES
4.7 RoHS COMPLIANT
5. MATING PART: ATV06-18SX* PLUG
( X = A,B,C,D KEYS ; * = MODIFICATIONS AND COLORS)
6. ALL DIMENSIONS ARE FOR REFERENCE USE ONLY.
7 CONTACT SIZE AND REAR SEAL WIRE RANGE:
CONTACT
SIZE
MIN. INSUL
O.D.
TYPICAL
WIRE RANGE
MAX. INSUL
O.D.
16
2.23 mm
(.088 in)
14 - 20 AWG
3.68 mm
(.145 in)
RECOMMENDED PANEL CUTOUT
46.8
28.5
64.1
8.7
18.6
32.6
32.1
INTERNAL SEALING SURFACE FINISH
TO BE
OR BETTER
3.2
0.13
R7.5
R2.3
64.1
68.4±0.5
28.9
13.6
81.1
45.8
9.2
REQUIRES CONTACT
RETENTION WEDGE
AWV-18P
M5x0.8-6H
THREAD SCREWS
RECOMMENDED TORQUE
VALUES: 1.5-2.0 N.m
KEYWAY
7
31.4
45.4
2x 5.6
SEE SHEET 2
7.6


Similar Part No. - ATV02-18PD

ManufacturerPart #DatasheetDescription
logo
Amphenol Sine Systems C...
ATV02-18PD-RR01 ASS-ATV02-18PD-RR01 Datasheet
429Kb / 2P
RECEPTACLE, FLANGE,18 PIN, ATV SERIES REDUCED DIA. WIRE SEAL
03MAY18
More results

Similar Description - ATV02-18PD

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
02-06-5102 MOLEX11-02-06-5102 Datasheet
106Kb / 1P
CRIMP TERMINAL, FEMALE .062 DIA. FOR 18-24 AWG WIRE
logo
Tyco Electronics
42827-2 MACOM-42827-2 Datasheet
57Kb / 1P
RECEPTACLE, PIN, .093 DIA
1703013 MACOM-1703013 Datasheet
47Kb / 1P
DIA. 1.5MM PIN CONTACT, SINGLE WIRE SEALING DIA 1.5MM STIFTKONTAKT, EINZELDICHTUNSSYSTEM
61627 MACOM-61627 Datasheet
51Kb / 1P
.140 DIA PIN
logo
List of Unclassifed Man...
60115-1 ETC2-60115-1 Datasheet
38Kb / 1P
BLANKET PIN-125 DIA
logo
Molex Electronics Ltd.
0002062101-02-A2-D MOLEX11-0002062101-02-A2-D Datasheet
108Kb / 1P
CRIMP TERMINAL, MALE.062 DIA. FOR 18-24 AWG WIRE
logo
TE Connectivity Ltd
C-DTSKF-1 TEC-C-DTSKF-1 Datasheet
265Kb / 1P
FLANGE MOUNTING WITH SEAL DTSK SERIES
logo
Amphenol Corporation
AT04-08PA-PM11 AMPHENOL-AT04-08PA-PM11 Datasheet
430Kb / 2P
RECEPTACLE, 8 PIN, AT SERIES W/FLANGE
14 JUL 15
AT04-08PX-PMXX AMPHENOL-AT04-08PX-PMXX Datasheet
562Kb / 3P
RECEPTACLE, 8 PIN, AT SERIES, W/FLANGE
A3
AT04-12PX-PMXX AMPHENOL-AT04-12PX-PMXX Datasheet
650Kb / 3P
RECEPTACLE, 12 PIN, AT SERIES, W/FLANGE
A4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com