Electronic Components Datasheet Search
  English  ▼

X  

IS16D52 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IS16D52
Description  1⁄16 DIN Temperature, Process and Strain PID Controllers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IS16D52 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IS16D52 Datasheet HTML 1Page - List of Unclassifed Manufacturers IS16D52 Datasheet HTML 2Page - List of Unclassifed Manufacturers IS16D52 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Universal Temperature and
Process Input ("i" Models)
Accuracy: ±0.5°C temp; 0.03% rdg
Resolution: 1°/0.1°; 10 μV process
Temperature Stability:
RTD: 0.04°C/°C
TC @ 25°C (77°F): 0.05°C/°C
Cold Junction Compensation
Process: 50 ppm/°C
NMRR: 60 dB
CMRR: 120 dB
A/D Conversion: Dual slope
Reading Rate: 3 samples/s
Digital Filter: Programmable
Display: 4-digit 9-segment LED
10.2 mm (0.40"); i32, i16, i16D, i8DV
21 mm (0.83"); i8 10.2 mm (0.40") and
21 mm (0.83"); i8DH
RED, GREEN,
and
AMBER programmable colors
for process variable, setpoint and
temperature units
Input Types: Thermocouple, RTD,
analog voltage, analog current
Thermocouple Lead Resistance:
100
Ω max
Thermocouple Types (ITS 90):
J, K, T, E, R, S, B, C, N, L (J DIN)
RTD Input (ITS 68): 100/500/1000
Ω
Pt sensor, 2-, 3- or 4-wire; 0.00385 or
0.00392 curve
Voltage Input: 0 to 100 mV, 0 to 1V,
0 to 10 Vdc
Input Impedance: 10 M
Ω for 100 mV
1 M
Ω for 1 or 10 Vdc
Current Input: 0 to 20 mA (5
Ω load)
Configuration: Single-ended
Polarity: Unipolar
Step Response: 0.7 sec for 99.9%
Decimal Selection:
Temperature: None, 0.1
Process: None, 0.1, 0.01 or 0.001
Setpoint Adjustment:
-1999 to 9999 counts
Span Adjustment:
0.001 to 9999 counts
Offset Adjustment: -1999 to 9999
Excitation (Not Included with
Communication): 24 Vdc @ 25 mA
(not available for low-power option)
Universal Strain and Process
Input ("iS" Models)
Accuracy: 0.03% reading
Resolution: 10/1μV
Temperature Stability: 50 ppm/°C
NMRR: 60 dB
CMRR: 120 dB
A/D Conversion: Dual slope
Reading Rate: 3 samples/s
Digital Filter: Programmable
Input Types: Analog voltage and current
Voltage Input: 0 to 100 mVdc,
-100 mVdc to 1 Vdc, 0 to 10 Vdc
Input Impedance: 10 M
Ω for 100 mV;
1 M
Ω for 1V or 10 Vdc
Current Input: 0 to 20 mA (5
Ω load)
Linearization Points: Up to 10
Configuration: Single-ended
Polarity: Unipolar
Step Response: 0.7 sec for 99.9%
Decimal Selection: None, 0.1, 0.01
or 0.001
Setpoint Adjustment:
-1999 to 9999 counts
Span Adjustment: 0.001 to 9999 counts
Offset Adjustment: -1999 to 9999
Excitation (Optional In Place Of
Communication): 5 Vdc @ 40 mA;
10 Vdc @ 60 mA
Control
Action: Reverse (heat) or direct (cool)
Modes: Time and amplitude proportional
control; selectable manual or auto PID,
proportional, proportional with integral,
proportional with derivative and anti-reset
Windup, and on/off
Rate: 0 to 399.9 s
Reset: 0 to 3999 s
Cycle Time: 1 to 199 s; set to 0 for on/off
Gain: 0.5 to 100% of span; setpoints 1 or 2
Damping: 0000 to 0008
Soak: 00.00 to 99.59 (HH:MM), or OFF
Ramp to Setpoint:
00.00 to 99.59 (HH:MM), or OFF
Auto Tune: Operator initiated from
front panel
Control Output 1 and 2
Relay: 250 Vac or 30 Vdc @ 3 A (resistive
load); configurable for on/off, PID and ramp
and soak
Output 1: SPDT, can be configured as
alarm 1 output
Output 2: SPDT, can be configured as
alarm 2 output
SSR: 20 to 265 Vac @ 0.05 to 0.5 A
(resistive load); continuous
DC Pulse: Non-isolated; 10 Vdc @ 20 mA
Analog Output (Output 1 Only):
Non-isolated, proportional 0 to 10 Vdc or
0 to 20 mA; 500
Ω max
Output 3 Retransmission:
Isolated Analog Voltage and Current
Current: 10 V max @ 20 mA output
Voltage: 20 mA max for 0 to 10 V output
Network and Communications
Ethernet: Standards compliance
IEEE 802.3 10 Base-T
Supported Protocols:
TCP/IP, ARP, HTTPGET
RS232/RS422/RS485: Selectable from
menu; both ASCII and Modbus protocol
selectable from menu; programmable
300 to 19.2 Kb; complete programmable
setup capability; program to transmit
current display, alarm status, min/max,
actual measured input value and status
Common Specifications (All i/8, i/16, i/32 DIN)
RS485: Addressable from 0 to 199
Connection: Screw terminals
Alarm 1 and 2 (Programmable)
Type: Same as output 1 and 2
Operation: High/low, above/below,
band, latch/unlatch, normally open/
normally closed and process/deviation;
front panel configurations
Analog Output (Programmable):
Non-isolated, retransmission 0 to 10 Vdc
or 0 to 20 mA, 500
Ω max (output 1 only);
accuracy is ±1% of FS when following
conditions are satisfied: input is not scaled
below 1% of input FS, analog output is not
scaled below 3% of output FS
General
Power: 90 to 240 Vac ±10%, 50 to 400Hz*,
110 to 375 Vdc, equivalent voltage
Low Voltage Power Option: 24 Vac**,
12 to 36 Vdc for i/iS; 20 to 36 Vdc for dual
display, ethernet, and isolated analog output
from qualified safety approved source
Isolation
Power to Input/Output: 2300 Vac
per 1 minute test
For Low Voltage Power Option:
1500 Vac per 1 minute test
Power to Relay/SSR Output:
2300 Vac per 1 minute test
Relay/SSR to Relay/SSR Output:
2300 Vac per 1 minute test
RS232/485 to Input/Output:
500 Vac per 1 minute test
Environmental Conditions:
All Models: 0 to 55°C (32 to 131°F)
90% RH non-condensing
Dual Display Models:
0 to 50°C (32 to 122°F), 90% RH
non-condensing (for UL only)
Protection:
i/iS32, 16, 16D, 8C:
NEMA 4X/Type 4 (IP65) front bezel
i/iS8, 8DH, 8DV:
NEMA 1/Type 1 front bezel
Approvals: UL, C-UL, CE per
EN61010- 1:2001, FM (temperature
units only)
Dimensions
i/8 Series: 48 H x 96 W x 127 mm D
(1.89 x 3.78 x 5")
i/16 Series: 48 H x 48 W x 127 mm D
(1.89 x 1.89 x 5")
i/32 Series: 25.4 H x 48 W x 127 mm D
(1.0 x 1.89 x 5")
Panel Cutout
i/8 Series: 45 H x 92 mm W
(1.772 x 3.622"), 1⁄8 DIN
i/16 Series: 45 mm (1.772") square,
1
⁄16 DIN
i/32 Series: 22.5 H x 45 mm W
(0.886 x 1.772"), 1⁄32 DIN
Weight
i/8 Series: 295 g (0.65 lb)
i/16 Series: 159 g (0.35 lb)
i/32 Series: 127 g (0.28 lb)
* No CE compliance above 60 Hz.
** Units can be powered safely with 24 Vac
power, but no certification for CE/UL are claimed.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com