Electronic Components Datasheet Search
  English  ▼

X  

CFB11G Datasheet(PDF) 2 Page - Hubbell Incorporated.

Part # CFB11G
Description  Recessed Multi-Service Concrete Floor Boxes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

CFB11G Datasheet(HTML) 2 Page - Hubbell Incorporated.

  CFB11G Datasheet HTML 1Page - Hubbell Incorporated. CFB11G Datasheet HTML 2Page - Hubbell Incorporated. CFB11G Datasheet HTML 3Page - Hubbell Incorporated. CFB11G Datasheet HTML 4Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Hubbell Floor Boxes
Recessed Multi-Service Concrete Floor Boxes
•
cULus 514 Listed and scrub water
approved for carpet, tile and wood floors
•
Attractive brass or aluminum covers
with stainless steel locking studs
•
4" or 6" depth of concrete pour
•
2" trade size knockouts allow capacity
for pre-terminated connectors
•
Leveling feet provide before
pour adjustment
•
Supplied with 11-gauge galvanized steel
temporary concrete cover
•
Ideal for the most demanding
applications that require A/V and
multi-media services
•
Accepts industry standard wallplates
•
Can be used with the on-grade barrier
for grade level installations, which
prevents corrosion from contact with
the grade
•
Over 3.75" of space behind faceplates
for active modules, bend radius and
pre-terminated connectors.
•
Solid brass and brushed aluminum edging
•
Four (4) stainless steel locking studs secure
cover closed
•
Large carpet recess area
•
Covers are fully removable for easy access
to connectivity within box
CFB7G Series Multi-Service Floor Box
The CFB7G series floor box is the ideal solution
for today’s conference and training rooms. The
increasing demand for both power and audio/
video services creates the need for a high-
capacity floor box. The CFB7G series provides
the right amount of capacity for communication
and active multi-media devices, as well
as power. Covers, available in brass and
aluminum, are low profile and blend with any
office environment.
Covers
Cover options for the CFB series floor boxes
include both brushed aluminum and solid
brass edging. A large cover recess area
allows the installation of floor covering, to
conceal the floor box and blend with the
office environment. Cable egress doors rotate
inward, offering more capacity and eliminating
potential trip hazard. Covers are scrub water
rated for carpet, tile and wood floors.
CFB11G Series Multi-Service Floor Box
The CFB11G series floor box is designed for
maximum capacity to service Audio/Video
communications and power requirements.
Providing 11-gangs to populate with various
services, this floor box is the ultimate in
capacity and functionality. Multiple conduit
knockouts allow power, voice/data and multi-
media cables to be pulled separately.
CFB7G and CFB11G Series Features
CFB11G Series
CFB7G Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com