Electronic Components Datasheet Search
  English  ▼

X  

BC30 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BC30
Description  45 BEECHWOOD DRIVE NORTH ANDOVER, MA 01845
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BC30 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BC30 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10.00±1.00 [254 25.4]
BNC PLUG
2X BANANA
PLUG
RED
BLACK
NOTES:
1. CABLE ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
2. CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
RED (CENTER PIN)
BLACK (BODY)
WIRING MAP
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BC30
C
BC30.SLDDRW
1
1
D.PARHAM
05/28/2003
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
R.CARRICK
05/28/2003
05/28/03
A
B
INITIAL RELEASE
ECN 3177: UPDATE DWG FORMAT
1/29/08
MCCORMICK
D.GRIFFIN
C
ECN6423: ADDED WIRING MAP
09/24/12
DFP
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
TEST CABLE;BNC PLUG/BANANA PLUGS
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
REF
C.MCCORMICK
COLOR VARIATIONS
MAY OCCUR
05/28/2003
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - BC30

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC300 MICRO-ELECTRONICS-BC300 Datasheet
122Kb / 2P
PNP SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
logo
Central Semiconductor C...
BC300 CENTRAL-BC300 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Seme LAB
BC300 SEME-LAB-BC300 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
logo
Continental Device Indi...
BC300 CDIL-BC300 Datasheet
133Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
List of Unclassifed Man...
BC300 ETC2-BC300 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - BC30

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPT165 SSDI-SPT165 Datasheet
44Kb / 2P
10 mA 45 VOLTS NPN (VREF) TRANSISTOR
logo
NXP Semiconductors
2PB709ASL NXP-2PB709ASL Datasheet
56Kb / 9P
45 V, 100 mA PNP general-purpose transistors
Rev. 01-12 November 2008
BC847 NXP-BC847 Datasheet
96Kb / 15P
45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Vectron International, ...
VCD2-103 VECTRON-VCD2-103 Datasheet
110Kb / 1P
620 North Lindenwood Drive
logo
NXP Semiconductors
BC847BW115 NXP-BC847BW115 Datasheet
104Kb / 15P
45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
BC847XMB NXP-BC847XMB Datasheet
349Kb / 14P
45 V, 100 mA NPN general-purpose transistors
Rev. 1-5 March 2012
logo
Nexperia B.V. All right...
BC807K NEXPERIA-BC807K Datasheet
349Kb / 24P
45 V, 500 mA PNP general-purpose transistors
2PB709ARL NEXPERIA-2PB709ARL Datasheet
614Kb / 9P
45 V, 100 mA PNP general-purpose transistors
Rev. 01 - 12 November 2008
BC807QC_SER NEXPERIA-BC807QC_SER Datasheet
320Kb / 14P
45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 4 January 2021
BC807W_SER NEXPERIA-BC807W_SER Datasheet
316Kb / 13P
45 V, 500 mA PNP general-purpose transistors
Rev. 8 - 1 July 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com