Electronic Components Datasheet Search
  English  ▼

X  

20060 Datasheet(PDF) 1 Page - JOKARI GmbH & Co. KG

Part # 20060
Description  PRODUCT SPECIFICATION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOKARI [JOKARI GmbH & Co. KG]
Direct Link  https://jokari.de/
Logo JOKARI - JOKARI GmbH & Co. KG

20060 Datasheet(HTML) 1 Page - JOKARI GmbH & Co. KG

  20060 Datasheet HTML 1Page - JOKARI GmbH & Co. KG 20060 Datasheet HTML 2Page - JOKARI GmbH & Co. KG 20060 Datasheet HTML 3Page - JOKARI GmbH & Co. KG 20060 Datasheet HTML 4Page - JOKARI GmbH & Co. KG 20060 Datasheet HTML 5Page - JOKARI GmbH & Co. KG 20060 Datasheet HTML 6Page - JOKARI GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright Carl Kammerling International Ltd
PRODUCT SPECIFICATION
Brand
Jokari
Product Range
Cable/Wire strippers
Catalogue number
10160, 10270, 10271, 10280, 10283,
20030, 20050, 20060, 20090, 20450,
30010, 30120, 30140, 30150 & 30160
Date
17/02/2009
Range Description
Jokari Cable/Wire strippers
10160/10270
10271
10280
10283
Features
10160
Cable Knife with Soft Grip
Working Range 4
– 16 mm Ø
10270
Cable Knife with Soft Grip
Working Range 8 - 28 mm Ø
10271
Fully insulated Cable Stripper
(all external parts made of plastic (except blade))
Working Range 8
– 28 mm Ø
10280
Cable Knife with Soft Grip
Working Range 8 - 28 mm Ø
Incl. Hook Blade
Soft Grip
10283
Working Range 8
– 28 mm Ø
Incl. Hook Blade
Economy Version


Similar Part No. - 20060

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
20060 TURCK-20060 Datasheet
169Kb / 4P
Capacitive Sensr
11/07/2023
logo
JOKARI GmbH & Co. KG
20060 JOKARI-20060 Datasheet
728Kb / 14P
PRODUCT SPECIFICATION
16/05/2014
logo
Turck, Inc.
2006007 TURCK-2006007 Datasheet
148Kb / 3P
Capacitive Sensor
11/07/2023
2006021 TURCK-2006021 Datasheet
200Kb / 4P
Capacitive Sensor – With Increased Temperature Range
11/07/2023
logo
Advantech Co., Ltd.
2006021531 ADVANTECH-2006021531 Datasheet
1Mb / 2P
Intel Celeron Quad Core J1900/N2930/N2807 Mini-ITX with CRT/LVDS/DP,6 COM, and Dual LAN
5-Jan-2017
More results

Similar Description - 20060

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D10040200GT ETC1-D10040200GT Datasheet
126Kb / 4P
Product Specification
logo
GOOD-ARK Electronics
SMBRB3045S GOOD-ARK-SMBRB3045S_15 Datasheet
600Kb / 7P
Product Specification
MUR1020 GOOD-ARK-MUR1020 Datasheet
330Kb / 7P
Product Specification
MUR2040FCT GOOD-ARK-MUR2040FCT Datasheet
453Kb / 7P
Product Specification
MBRF20150CT GOOD-ARK-MBRF20150CT Datasheet
327Kb / 6P
Product Specification
MBRF10200CT GOOD-ARK-MBRF10200CT Datasheet
340Kb / 6P
Product Specification
MBR1060 GOOD-ARK-MBR1060 Datasheet
348Kb / 7P
Product Specification
MURB1060CT GOOD-ARK-MURB1060CT Datasheet
517Kb / 7P
Product Specification
MBR860 GOOD-ARK-MBR860 Datasheet
348Kb / 7P
Product Specification
logo
Tontek Design Technolog...
TT6061BB TONTEK-TT6061BB Datasheet
64Kb / 5P
PRODUCT SPECIFICATION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com