Electronic Components Datasheet Search
  English  ▼

X  

RC-06 Datasheet(PDF) 1 Page - Pro-Power

Part # RC-06
Description  ABS 19" (430mm) Rack Cases
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

RC-06 Datasheet(HTML) 1 Page - Pro-Power

  RC-06 Datasheet HTML 1Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ABS 19" (430mm) Rack Cases
A range of tough, lightweight cases for holding mounting equipment, such as amplifiers,
effects units, signal processing units and any other equipment with industry standard 19" IEU
dimensions. Supplied with front and back lids (not shown in photographs above).
Ì Long life, low maintenance, roadproof construction
Ì Secure stacking design prevents movement
Ì Lightweight ABS and aluminium construction
Ì Industrial quality butterfly clips keeps lids on longer and operate correctly every time
Ì Integral front and back industry standard 19" brackets
Ì Robust carry handles
Ì Full, 547mm internal depth
Ì Gasket sealed lids for maximum protection against the ingess of dust, moisture and
other unwanted agents
Ì Available in industry standard ’U’ rack heights (1U= 48mm Approx.)
248412
Price Each
Rack Height
Order Code
2U
426-0910
4U
426-0922
6U
426-0934
8U
426-0946
10U
426-0958
12U
426-0960


Similar Part No. - RC-06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC-050 ETC2-RC-050 Datasheet
469Kb / 3P
Regeneration Clamp
logo
Applied Motion Products...
RC-050 AMP-RC-050 Datasheet
85Kb / 2P
Regeneration Clamp
logo
Recom International Pow...
RC-0505D RECOM-RC-0505D Datasheet
100Kb / 3P
2 Watt SIP7 & DIP14 Dual Output
RC-0509D RECOM-RC-0509D Datasheet
100Kb / 3P
2 Watt SIP7 & DIP14 Dual Output
RC-0512D RECOM-RC-0512D Datasheet
100Kb / 3P
2 Watt SIP7 & DIP14 Dual Output
More results

Similar Description - RC-06

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
E989 HAMAMATSU-E989 Datasheet
88Kb / 1P
Magnetic Shield Cases
logo
List of Unclassifed Man...
G738 ETC1-G738 Datasheet
344Kb / 2P
Desktop Cases
G749A ETC2-G749A Datasheet
130Kb / 1P
Desktop Cases
G752 ETC2-G752 Datasheet
89Kb / 2P
Desktop Cases - ABS
G753 ETC2-G753 Datasheet
132Kb / 1P
Desktop Cases
TC-311 ETC-TC-311 Datasheet
57Kb / 1P
TC-311, Heavy-duty ABS cases with wheels and telescoping handle
400-1541-GR ETC2-400-1541-GR Datasheet
206Kb / 2P
Molded ABS Plastic Cases
400-1542-GR ETC2-400-1542-GR Datasheet
46Kb / 2P
Molded ABS Plastic Cases
G17081UBK ETC2-G17081UBK Datasheet
95Kb / 2P
19 Rack Mount Case - ABS
logo
Tripp Lite. All Rights ...
SRCASE4U TRIPPLITE-SRCASE4U Datasheet
171Kb / 2P
4U ABS Server Rack Equipment Shipping Case
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com