Electronic Components Datasheet Search
  English  ▼

X  

A0261F Datasheet(PDF) 1 Page - APEM

Part # A0261F
Description  ACTUATOR, SWITCH, SQUARE, LATCH RoHS : Compliant
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

A0261F Datasheet(HTML) 1 Page - APEM

  A0261F Datasheet HTML 1Page - APEM A0261F Datasheet HTML 2Page - APEM A0261F Datasheet HTML 3Page - APEM A0261F Datasheet HTML 4Page - APEM A0261F Datasheet HTML 5Page - APEM A0261F Datasheet HTML 6Page - APEM A0261F Datasheet HTML 7Page - APEM A0261F Datasheet HTML 8Page - APEM A0261F Datasheet HTML 9Page - APEM Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
G-16
APEM
www.apem.com
A02 series
Illuminated or non-illuminated pushbutton switches
Panel cut-out Ø 22 (.866) or 29,5 x 21,5 (1.160x.846)
G
(1.319)
(.827)
(.827)
(1.319)
(1.417)
(1.142 SQ)
(1.142 DIA)
29.00x29.00
Ø29.00
36.00
33.50
21.00
21.00
33.50
A pushbutton assembly requires
:
screen + lamp (if illuminated) + operator + one or two switch blocks.
To order these elements, select desired model numbers from tables below.
Example
: IP65 illuminated rectangular maintained pushbutton, switch block with 2 N.O. contacts,
red screen and 12V red LED assembly = A0261B, A0242J1, A0201X and A02503UL.
N.C.
N.O.
N.O./N.C.
Screen
Lamp
Operator
Switch block
SCREEN ENGRAVING / INSERTABLE LEGENDS : contact APEM.
Bezel:
rectangular,
square,
round,
‘Illum’ - illuminated,
‘Non-illum’ - non illuminated
Second switch block
White or blue LED assembly :
contact APEM.
UNSEALED SWITCHES (IP40)
:
add “01” to end of operator model number.
To achieve 3 or 4 pole switching,
add second switch block, from
above table.
❶
❷
❸
❹
Bezel
Colour
Part No
black
A0261A
red
A0261B
amber
A0261C
yellow
A0261D
green
A0261E
blue
A0261F
clear
A0261G
white
A0261J
black
A0262A
red
A0262B
amber
A0262C
yellow
A0262D
green
A0262E
blue
A0262F
clear
A0262G
white
A0262J
black
A0263A
red
A0263B
amber
A0263C
yellow
A0263D
green
A0263E
blue
A0263F
clear
A0263G
white
A0263J
Lamp
Voltage
Part No
Filament
6.3V
A0141A
Filament
14V
A0141B
Filament
28V
A0141C
Filament
36V
A0141D
Filament
48V
A0141E
Filament
60V
A0141F
Neon
110V
A0143G
Neon
220V
A0143H
LED
model numbers: see A01
pages G6-G7.
LED assy
6V
A0242H*
LED assy
12V
A0242J*
LED assy
24V
A0242K*
LED assy
6V
A0243H*
LED assy
12V
A0243J*
LED assy
24V
A0243K*
LED assy
6V
A0244H*
LED assy
12V
A0244J*
LED assy
24V
A0244K*
Replace * with colour code
1
: red
for LED assemblies:
2
: green
3
: amber
Bezel
Description
Lamp type
Part No
Illum, momentary
Lamp/LED
A0201Y
Illum, maintained
Lamp/LED
A0201X
Illum, momentary
LED assy
A0202Y
Illum, maintained
LED assy
A0202X
Non-illum, maintained
A0203X
Non-illum, momentary
A0203Y
Illum, momentary
Lamp/LED
A0204Y
Illum, maintained
Lamp/LED
A0204X
Illum, momentary
LED assy
A0205Y
Illum, maintained
LED assy
A0205X
Non-illum, momentary
A0206Y
Non-illum, maintained
A0206X
Illum, momentary
Lamp/LED
A0207Y
Illum, maintained
Lamp/LED
A0207X
Illum, momentary
LED assy
A0208Y
Illum, maintained
LED assy
A0208X
Non-illum, momentary
A0209Y
Non-Illum, maintained
A0209X
Contacts
Part No
1 N.O.
A02501UL
1 N.C.
A02502UL
2 N.O.
A02503UL
2 N.C.
A02504UL
1 N.O./1 N.C.
A02505UL
Contacts
Part No
1 N.O.
A02506UL
1 N.C.
A02507UL
2 N.O.
A02508UL
2 N.C.
A02509UL
1 N.O./1 N.C.
A02510UL


Similar Part No. - A0261F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A0266827 ETC2-A0266827 Datasheet
291Kb / 6P
BIX Cross-Connect System
A0266828 ETC2-A0266828 Datasheet
291Kb / 6P
BIX Cross-Connect System
A0269923 ETC2-A0269923 Datasheet
291Kb / 6P
BIX Cross-Connect System
A0269925 ETC2-A0269925 Datasheet
291Kb / 6P
BIX Cross-Connect System
More results

Similar Description - A0261F

ManufacturerPart #DatasheetDescription
logo
Bi technologies
SWT8 BITECH-SWT8 Datasheet
380Kb / 4P
Tactile Switches 6.2X6.2 mm Square Stem Cap available RoHS Compliant
logo
M/A-COM Technology Solu...
MA4AGSW2 MA-COM-MA4AGSW2 Datasheet
109Kb / 7P
SPDT AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW4 MA-COM-MA4AGSW4 Datasheet
118Kb / 7P
SP4T AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW5 MA-COM-MA4AGSW5 Datasheet
130Kb / 7P
SP5T AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW8-1 MA-COM-MA4AGSW8-1 Datasheet
126Kb / 6P
SP8T AlGaAs PIN Diode Switch RoHS Compliant
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
logo
M/A-COM Technology Solu...
MA4AGSW8-1 MA-COM-MA4AGSW8-1_15 Datasheet
572Kb / 7P
SP8T AlGaAs PIN Diode Switch RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com