Electronic Components Datasheet Search
  English  ▼

X  

G6-R32HKY-12 Datasheet(PDF) 1 Page - Multicomp Pro

Part # G6-R32HKY-12
Description  Candelabra Bayonet Lamps & Lamp Holder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

G6-R32HKY-12 Datasheet(HTML) 1 Page - Multicomp Pro

  G6-R32HKY-12 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
12/12/12
Candelabra Bayonet
Lamps & Lamp Holder
Specifications
Wattage Rating
: 100W
Voltage Rating
: 250V
Shell Material
: Steel
Accessory Type
: Lamp Holder
For Use With
: G4 MR11, GX5.3, MR16, G6.35 Lamps
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Description
Part Number
Lamp Holder, Candelabra Bayonet,
G4 MR11, GX5.3, MR16, G6.35 Lamp
G6-R32HKY-12
Part Number Table
Dimensions : Inches


Similar Part No. - G6-R32HKY-12

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
G6-R32-12 MULTICOMP-G6-R32-12 Datasheet
405Kb / 1P
Lamp Holder
29/09/22
More results

Similar Description - G6-R32HKY-12

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
BLB101MGC-12V-P KINGBRIGHT-BLB101MGC-12V-P Datasheet
83Kb / 3P
10mm BAYONET BASED LED LAMP
BLB101MGC-28V-P KINGBRIGHT-BLB101MGC-28V-P Datasheet
84Kb / 3P
10mm BAYONET BASED LED LAMP
BLB101SURC-E28V KINGBRIGHT-BLB101SURC-E28V Datasheet
86Kb / 3P
10mm BAYONET BASED LED LAMP
BLB101SURC-E-6V KINGBRIGHT-BLB101SURC-E-6V Datasheet
86Kb / 3P
10mm BAYONET BASED LED LAMP
BLB102MGC-6V-P KINGBRIGHT-BLB102MGC-6V-P Datasheet
91Kb / 3P
10mm BAYONET BASED LED LAMP
BLB102SYC-28V-P KINGBRIGHT-BLB102SYC-28V-P Datasheet
87Kb / 3P
10mm BAYONET BASED LED LAMP
logo
CML Microcircuits
LH15 CMLMICRO-LH15 Datasheet
84Kb / 1P
Bayonet Holder with solder tags
logo
Visual Communications C...
10-07 VCC-10-07 Datasheet
508Kb / 2P
SINGLE CONTACT CANDELABRA BAYONET
11-207 VCC-11-207 Datasheet
823Kb / 4P
SINGLE CONTACT CANDELABRA BAYONET
logo
List of Unclassifed Man...
CM1384 ETC-CM1384 Datasheet
33Kb / 1P
R-12 Single, Double, Candelabra Contact Bayonet Base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com