Electronic Components Datasheet Search
  English  ▼

X  

RN2483 Datasheet(PDF) 9 Page - Microchip Technology

Part # RN2483
Description  Low-Power Long Range LoRa® Technology Transceiver Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2483 Datasheet(HTML) 9 Page - Microchip Technology

Back Button RN2483 Datasheet HTML 5Page - Microchip Technology RN2483 Datasheet HTML 6Page - Microchip Technology RN2483 Datasheet HTML 7Page - Microchip Technology RN2483 Datasheet HTML 8Page - Microchip Technology RN2483 Datasheet HTML 9Page - Microchip Technology RN2483 Datasheet HTML 10Page - Microchip Technology RN2483 Datasheet HTML 11Page - Microchip Technology RN2483 Datasheet HTML 12Page - Microchip Technology RN2483 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
 2015-2019 Microchip Technology Inc.
DS50002346D-page 9
RN2483
3.0
TYPICAL HARDWARE CONNECTIONS
Figure 3-1 shows the typical hardware connections.
FIGURE 3-1:
HARDWARE CONNECTIONS
3.1
Interface to Host MCU
The RN2483 module has a dedicated UART interface
to communicate with a host controller. Optional
handshake lines are supported in future firmware
releases. The “RN2483 LoRa® Technology Module
Command Reference User’s Guide” (DS40001784)
provides a detailed UART command description.
Table 3-1 shows the default settings for the UART
communication.
3.2
GPIO Pins (GPIO0-GPIO13)
The module has 14 GPIO pins. These lines can be
connected to switches, LEDs, and relay outputs. The
pins can be either logic inputs or outputs, and some
pins (see Table 1-1) have analog input capability that
can be accessed via the module firmware. These pins
have limited sink and source capabilities. Electrical
characteristics are described in Table 2-2. For more
information, see “RN2483 LoRa® Technology Module
Command Reference User’s Guide” (DS40001784).
3.3
RF Connections (RFL, RFH)
RFL is the RF analog port for the lower frequency band
(433 MHz) while RFH is for the higher frequency band
(868 MHz). When routing RF paths, use proper strip
lines with an impedance of 50 Ohm.
868 MHz Antenna
434 MHz Antenna
GND
GND
VCC
VCC
GND
GND
1
2
3
4
5
6
ICSP
10k
VCC
VCC
GND
220R
220R
GND
VCC
220R
3
1
2
GND
GND
VCC
MCU
GPIOs
Transistor output
Analog
Sensor
0-VCC
VCC
GND
Indicator LEDs
GND
Logic input
2
3
1
VCC
GND 1
UART_RTS 2
UART_CTS 3
RESERVED 4
RESERVED 5
UART_TX 6
UART_RX 7
GND 8
GND 11
VDD 12
NC 15
NC 16
NC 17
NC 18
NC 19
GND 20
GND
28
NC
29
PGC_INT
30
PGD_INT
31
RESET
32
GND
33
VDD
34
GPIO0
35
GND
41
NC
42
GND
47
GND
UART_RTS
UART_CTS
RESERVED
RESERVED
UART_TX
UART_RX
GND
GND
VDD
NC
NC
NC
NC
NC
GND
GND
NC
PGC_INT
PGD_INT
RESET
GND
VDD
GPIO0
GND
NC
GND
GPIO1
36
GPIO2
37
GPIO3
38
GPIO4
39
GPIO5
40
GPIO6
43
GPIO7
44
GPIO8
45
GPIO9
46
GPIO11 13
GPIO10 14
GPIO12 10
GPIO13 9
RN2483
TABLE 3-1:
DEFAULT UART SETTINGS
Specification
Description
Baud Rate
57600 bps
Packet Length
8 bit
Parity Bit
No
Stop Bits
1 bit
Hardware Flow Control
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com