Electronic Components Datasheet Search
  English  ▼

X  

OD6 Datasheet(PDF) 1 Page - Opto 22

Part # OD6
Description  Cables - Classic
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTO22 [Opto 22]
Direct Link  https://www.opto22.com/
Logo OPTO22 - Opto 22

OD6 Datasheet(HTML) 1 Page - Opto 22

  OD6 Datasheet HTML 1Page - Opto 22 OD6 Datasheet HTML 2Page - Opto 22  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cables - Classic
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2012 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
1
Features
50-conductor ribbon cables
Pre-made in convenient standard lengths
Header connectors and card edge connectors are both
available
Description
Opto 22 supplies several standard cables that interface with
host controllers. There are two series of cables, designated
according to the type of connector on each end.
• The HH series has a header connector on both ends. These
cables are used to connect to racks with G4 I/O modules.
• The OD series has a card edge connector on one end and a
header connector on the other end. These cables are used
to connect to racks with G1 I/O modules.
The two cable types use 50-conductor ribbon cable and can
be ordered in convenient pre-defined lengths. See Part
Numbers table at right.
Building Your Own Cables
If the standard cables listed in this data sheet do not meet
your requirements, the following list can help in choosing the
appropriate connectors and cable.
Cable (50-Conductor):
Connectors for HH Series (Header-Header):
Connectors for OD Series (Edge-Header):
Connectors with Strain Relief:
Use only Panduit Corporation p/n 050A050-455
3M
p/n 3365/50
ALPHA
p/n 3580/50 or 3583/50
Circuit Assemblies, Inc.
p/n CA50IDS2-C-SPT
End #1 (Edge Connector)—3M
p/n 3415-0001
End #1 (Edge Connector)—Panduit p/n 055-050-455
End #2 (Header Connector)—Cir-
cuit Assemblies
p/n CA50IDS2-C-SPT
Part Numbers
Part
Description
HH1.5
1.5-foot header-to-header cable
HH4
4-foot header-to-header cable
HH6
6-foot header-to-header cable
HH8
8-foot header-to-header cable
HH10
10-foot header-to-header cable
OD2
2-foot edge-to-header cable
OD4
4-foot edge-to-header cable
OD6
6-foot edge-to-header cable
OD8
8-foot edge-to-header cable
OD10
10-foot edge-to-header cable
Cable with header
connector
Cable with edge and
header connectors


Similar Part No. - OD6

ManufacturerPart #DatasheetDescription
logo
Mobile Mark, Inc.
OD6-1800-BLK MOBILEMARK-OD6-1800-BLK Datasheet
239Kb / 1P
Omni-Directional Antennas 1.8/1.9 GHz
4/2016
OD6-1900-BLK MOBILEMARK-OD6-1900-BLK Datasheet
239Kb / 1P
Omni-Directional Antennas 1.8/1.9 GHz
4/2016
OD6-2000-BLK MOBILEMARK-OD6-2000-BLK Datasheet
657Kb / 1P
Omni-Directional Antenna AWS, 1710-2170 MHz
4/2016
OD6-2000-BLK-PTA MOBILEMARK-OD6-2000-BLK-PTA Datasheet
657Kb / 1P
Omni-Directional Antenna AWS, 1710-2170 MHz
4/2016
OD6-2400-BLK MOBILEMARK-OD6-2400-BLK Datasheet
299Kb / 1P
Omni-Directional Antennas, WiFi 2.4 GHz
9/2018
More results

Similar Description - OD6

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
Classic EPLD Family
EP220 ALTERA-EP220 Datasheet
398Kb / 16P
Classic EPLDs
logo
List of Unclassifed Man...
D33040 ETC2-D33040 Datasheet
28Kb / 1P
Classic PL Desk Lamps
logo
Emerson Network Power
30-9530 EMERSON-NETWORKPOWER-30-9530 Datasheet
59Kb / 1P
Computer Cables Adapters Cables
logo
Bud Industries, Inc.
AGC-9268 BUD-AGC-9268 Datasheet
58Kb / 1P
CLASSIC II CABINET
logo
OSRAM GmbH
CLASSICA7512W OSRAM-CLASSICA7512W Datasheet
189Kb / 4P
PARATHOM CLASSIC A | LED lamps, classic bulb shape
logo
STMicroelectronics
SPBT3.0DP2 STMICROELECTRONICS-SPBT3.0DP2 Datasheet
839Kb / 31P
Bluetooth® Classic module
May-2018
logo
Ultralife Corporation.
CAXXXX ULTRALIFE-CAXXXX Datasheet
475Kb / 3P
Cables
26 MAY 21 Rev: R
logo
Lapp.
1119752 LAPP-1119752 Datasheet
180Kb / 2P
ÖLFLEX CLASSIC 110
03.03.2023
logo
List of Unclassifed Man...
BT2025 ETC-BT2025 Datasheet
699Kb / 2P
BT 2025 Classic V2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com