Electronic Components Datasheet Search
  English  ▼

X  

3450 Datasheet(PDF) 2 Page - Henkel Corporation. ALL RIGHTS RESERVED

Part # 3450
Description  LOCTITE® EA 3450
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LOCTITE [Henkel Corporation. ALL RIGHTS RESERVED]
Direct Link  https://next.henkel-adhesives.com/
Logo LOCTITE - Henkel Corporation. ALL RIGHTS RESERVED

3450 Datasheet(HTML) 2 Page - Henkel Corporation. ALL RIGHTS RESERVED

  3450 Datasheet HTML 1Page - Henkel Corporation. ALL RIGHTS RESERVED 3450 Datasheet HTML 2Page - Henkel Corporation. ALL RIGHTS RESERVED 3450 Datasheet HTML 3Page - Henkel Corporation. ALL RIGHTS RESERVED  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TDS LOCTITE® EA 3450™, May-2014
TYPICAL PERFORMANCE OF CURED MATERIAL
Adhesive Properties
After 1 week @ 22 °C
Shear Strength
Lap Shear Strength, :
Mild steel
N/mm² 21
(psi)
(3,070)
Grit Blasted Mild Steel (GBMS)
N/mm² 25
(psi)
(3,560)
Aluminum
N/mm² 11
(psi)
(1,650)
Aluminum (Gritblasted)
N/mm² 21
(psi)
(3,050)
Polycarbonate
N/mm² 5
(psi)
(740)
PVC
N/mm² 2
(psi)
(290)
Nylon
N/mm² 3
(psi)
(440)
ABS
N/mm² 2
(psi)
(280)
Wood (Beech)
N/mm² 11
(psi)
(1,610)
TYPICAL ENVIRONMENTAL RESISTANCE
Cured for 1 week @ 22 °C
Lap Shear Strength, ISO 4587:
Grit Blasted Mild Steel (GBMS)
Hot Strength
Tested at temperature
Temperature, °C
120
100
80
60
40
20
0
0
25
50
75
100
125
Heat Aging
Aged at temperature indicated and tested @ 22 °C
Exposure Time, hours
160
140
120
100
80
60
40
20
0
0
1000
2000
3000
4000
5000
22 °C
80 °C
120 °C
150 °C
180 °C
Cured for 1 week @ 22 °C
Lap Shear Strength, ISO 4587:
Grit Blasted Mild Steel (GBMS)
Chemical/Solvent Resistance
Aged under conditions indicated and tested @ 22 °C.
% of initial strength
Environment
°C
100 h
1000 h
3000 h
5000 h
Motor oil
87
130
130
130
130
Unleaded gasoline
22
110
95
95
95
Water/glycol 50/50
87
40
25
20
15
Acetone
22
90
95
95
95
Isopropanol
22
105
95
95
95
Ethanol
22
95
90
90
90
Water
22
110
95
85
75
Water
60
80
40
40
40
Water
90
35
35
35
35
98% RH, 40°C
40
110
55
45
35
GENERAL INFORMATION
For safe handling information on this product, consult the
Safety Data Sheet (SDS).
This product is not recommended for use in pure oxygen
and/or oxygen rich systems and should not be selected as
a sealant for chlorine or other strong oxidizing materials.
Directions for use:
1. For best performance part surfaces should be clean and
free of grease.
2. For high strength structural bonds, remove surface
contaminants such as paint, oxide films, oils, dust, mold
release agents and all other surface contaminants.
3. Dual Cartridges: To use simply insert the cartridge into
the application gun and start the plunger into the cylinders
using light pressure on the trigger. Next, remove the
cartridge cap and expel a small amount of adhesive to be
sure both sides are flowing evenly and freely. If automatic
mixing of resin and hardener is desired, attach the mixing
nozzle to the end of the cartridge and begin dispensing
the adhesive. For hand mixing, expel the desired amount
of the adhesive and mix thoroughly. Mix for approximately
15 seconds after uniform color is obtained.
Bulk Containers: Mix thoroughly by weight or volume in
the proportions specified in Product Description section.
Mix vigorously, approximately 15 seconds after uniform
color is obtained.
4. For maximum bond strength apply adhesive evenly to
both surfaces to be joined.
5. Application to the substrates should be made within 20
minutes. Larger quantities and/or higher temperatures
will reduce this working time.
6. Join the adhesive coated surfaces and allow to cure at
25 °C for 24 hours for high strength. Heat up to 93 °C, will
speed curing.
7. Keep parts from moving during cure. Contact pressure is
neccesary. Maximum shear strength is obtained with a 0.1
to 0.2 mm bond line.
Henkel Americas
+860.571.5100
Henkel Europe
+49.89.320800.1800
Henkel Asia Pacific
+86.21.2891.8859
For the most direct access to local sales and technical support visit: www.henkel.com/industrial



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com