Electronic Components Datasheet Search
  English  ▼

X  

IR400 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # IR400
Description  Mini IR Thermometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

IR400 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  IR400 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2009-2011 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
2/28/11 - R1
Ordering Information:
IR400 ..................Mini IR Thermometer (630°F/332°C)
Features:
• Backlighting illuminates display for taking
measurements at night or in areas with low
background light levels
• Automatic Data Hold when trigger released
• Min/Max Hold
• Fixed 0.95 emissivity covers 90% of surface
applications
• Auto power off
• Complete with 9V battery and case
Specifications
Range
-4 to 630°F (-20 to 332°C)
Basic Accuracy
±2% of reading +4°F/2°C
Max. Resolution
0.1°F/°C
Emissivity
0.95 fixed
Field of View (Distance to Target)
8:1
Dimensions
3.2 x 1.6 x 6.3" (82x41.5x160mm)
Weight
6.3oz (180g)
Ideal for automotive
applications
Test for temperature in
heating systems
Check building for insufficient
insulation
Convenient carrying case included
Compact thermometer measures up to 630ºF (332ºC)
With built-in laser pointer that identifies target area and improves aim
Mini IR Thermometer


Similar Part No. - IR400

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR4007K IRF-IR4007K Datasheet
32Kb / 5P
Switched Mode Power Supply IC
More results

Similar Description - IR400

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MLX90601B MICREL-MLX90601B Datasheet
116Kb / 8P
Analog IR thermometer module
logo
List of Unclassifed Man...
MLX90601C ETC1-MLX90601C Datasheet
175Kb / 12P
SPI IR thermometer module
logo
Extech Instruments Corp...
42500 EXTECH-42500 Datasheet
152Kb / 1P
Mini IR Thermometer
42511 EXTECH-42511 Datasheet
306Kb / 11P
Dual Laser InfraRed (IR) Thermometer
42535 EXTECH-42535 Datasheet
92Kb / 4P
Mini IR Thermometer with Type K Input
42542 EXTECH-42542 Datasheet
821Kb / 1P
High Temperature IR Thermometer
IR301 EXTECH-IR301 Datasheet
121Kb / 2P
Combination IR Stem Thermometer
RH401 EXTECH-RH401 Datasheet
153Kb / 8P
Digital Psychrometer IR Thermometer
EX210 EXTECH-EX210 Datasheet
383Kb / 1P
Mini Digital MultiMeter IR Thermometer
logo
TT Electronics.
DS3103 TTELEC-DS3103 Datasheet
392Kb / 1P
IR Thermometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com