Electronic Components Datasheet Search
  English  ▼

X  

1GC09 Datasheet(PDF) 2 Page - APEM Components, Inc.

Part # 1GC09
Description  basic switch modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTIMEC [APEM Components, Inc.]
Direct Link  https://www.apem.com/idec-apem/en_IN
Logo MULTIMEC - APEM Components, Inc.

1GC09 Datasheet(HTML) 2 Page - APEM Components, Inc.

  1GC09 Datasheet HTML 1Page - APEM Components, Inc. 1GC09 Datasheet HTML 2Page - APEM Components, Inc. 1GC09 Datasheet HTML 3Page - APEM Components, Inc. 1GC09 Datasheet HTML 4Page - APEM Components, Inc. 1GC09 Datasheet HTML 5Page - APEM Components, Inc. 1GC09 Datasheet HTML 6Page - APEM Components, Inc. 1GC09 Datasheet HTML 7Page - APEM Components, Inc. 1GC09 Datasheet HTML 8Page - APEM Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
mec . Industriparken 23 . P.o. Box 26 . DK-2750 Ballerup . Denmark
Tel.: +45 44 97 33 66 . Fax: +45 44 68 15 14 . Web: www.mec.dk. . E-mail: danmec@mec.dk
Min.10.16
Max12.5
Min 10.16
Max12.5
Ø = 0.9
2.54
10.16
14.0
7.6
12.6
15.1
Ordering example: 3ATL640 + 1C094 + 2A04
12.6
15.1
2.5
12.5
Technical Data:
- through-hole or SMD
- 50mA/24VDC
- single pole/momentary
- 10.000.000 operations life time
- IP67 sealing
- temperature range:
low temp:
PCB layout
Ø = 0.9
2.54
10.16
3.81
PCB layout
(top wiew)
3A + 1B/1C + 2A/2B
PCB layout
(top wiew)
12.6
15.1
Dimensions w/LED
(in switch)
Dimensions w/LED
(PCB mounted)
Dimensions (SMD)
HOW TO ORDER
Switch
Cap
Mounting
T through-hole
S surface mount
00 blue
02 green
03 grey
04 yellow
06 white
08 red
09 black
L6 low temp.
H9 high temp.
Standard versions:
3ATL6, 3ATH9, 3ASH9, 3ASH9R (tape/reel)
3A
1
+B
1C
Bezel
2A
Bezel
2A
Switch
Cap
Mounting
T through-hole
00 blue
02 green
03 grey
04 yellow
06 white
08 red
09 black
Lens
1 transp.
2 green
4 yellow
8 red
LED
20 green
40 yellow
80 red
L6 low temp.
H9 high temp.
Standard versions:
3ATL620, 3ATL640, 3ATL680
3A
T
+
+
+
00 blue
02 green
03 grey
04 yellow
06 white
08 red
09 black
00 blue
02 green
03 grey
04 yellow
06 white
08 red
09 black
1B
Bezel
2B
Lens
1 transp.
2 green
4 yellow
8 red
Switch
Cap
Mounting
T through-hole
S surface mount
00 blue
02 green
03 grey
04 yellow
06 white
08 red
09 black
L6 low temp.
H9 high temp.
Standard versions:
3ATL6, 3ATH9, 3ASH9, 3ASH9R
3A
+
+
00 blue
02 green
03 grey
04 yellow
06 white
08 red
09 black
LED for 2B bezel
2B X X X
+
20 green
40 yellow
80 red
Min 10.16
Max12.5
7.6 0.5
12.6
15.1
Ø = 0.9
2.54
10.16
PCB layout
Dimensions (through-hole)
7.6 0.5
7.6 0.5
high temp:
00 blue
For 1B and 2A only:
30 ultra blue
40 dusty blue
42 aqua blue
32 mint green
33 tele grey
34 melon
38 noble red
50 metal dark blue
53 metal light grey
57 metal dark grey
58 metal bordeaux
0.8
0.3
0.8
0.3
0.8
0.8
3ATL600,
0.3
-40/+115ºC
-40/+160ºC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com