Electronic Components Datasheet Search
  English  ▼

X  

21020 Datasheet(PDF) 7 Page - TESTEC Elektronik GmbH. All rights reserved.

Part # 21020
Description  Lieber Kunde,
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTEC [TESTEC Elektronik GmbH. All rights reserved.]
Direct Link  https://testec.de/
Logo TESTEC - TESTEC Elektronik GmbH. All rights reserved.

21020 Datasheet(HTML) 7 Page - TESTEC Elektronik GmbH. All rights reserved.

Back Button 21020 Datasheet HTML 3Page - TESTEC Elektronik GmbH. All rights reserved. 21020 Datasheet HTML 4Page - TESTEC Elektronik GmbH. All rights reserved. 21020 Datasheet HTML 5Page - TESTEC Elektronik GmbH. All rights reserved. 21020 Datasheet HTML 6Page - TESTEC Elektronik GmbH. All rights reserved. 21020 Datasheet HTML 7Page - TESTEC Elektronik GmbH. All rights reserved. 21020 Datasheet HTML 8Page - TESTEC Elektronik GmbH. All rights reserved. 21020 Datasheet HTML 9Page - TESTEC Elektronik GmbH. All rights reserved. 21020 Datasheet HTML 10Page - TESTEC Elektronik GmbH. All rights reserved. 21020 Datasheet HTML 11Page - TESTEC Elektronik GmbH. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Typ / Type
TT-AP 1300
TT-AP 1301
Bestell-Nr. / Order-No.
12060
12060
Teilerverhältnis / Attenuation Ratio
10:1
10:1
Eingangskapazität / Input Capacitance
<1,2pF
<1,2pF
Eingangswiderstand / Input Resistance
104k
±1%
104k
±1%
Bandbreite / Bandwidth
DC 1,3GHz
DC 1,3GHz
Anstiegszeit / Risetime
<0,25ns
<0,25ns
Kabellänge / Cable Length
1,2m
1,2m
Max. Eingangsspannung / Max. Input Voltage
±20V
±20V
Scope-Abschlusswiderstand / Scope Termination
50
100k
Max. Stromaufnahme / Max. Current Consumption
80mA
80mA
Spannungsart / Voltage type
DC/AC umschaltbar / switchable
DC/AC umschaltbar / switchable
Versorgungsspannung stabilisiert / Power Supply stabilised
+12V
+12V
Technische Änderungen vorbehalten / All specifications and characteristics are subject to change without notice
Mitgeliefertes Zubehör
Accessories Supplied
2 x Hakenklemme rot und schwarz
2 x Hook Clip red and black
2 x Sicherheitsabgreifer rot und schwarz
2 x Safety Test Clip red and black
1 x Aufsteckbarer Massekontakt
1 x Push-on Ground Contact
1 x Masseleitung 15cm
1 x Ground Lead 15cm
1 x Messleitung 15cm
1 x Test Lead 15cm
1 x BNC-Adapter
1 x BNC-Adapter
1 x Netzteil
1 x Power Supply
1 x Transportkoffer
1 x Carrying Case
Made in Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com