Electronic Components Datasheet Search
  English  ▼

X  

21040 Datasheet(PDF) 9 Page - TESTEC Elektronik GmbH. All rights reserved.

Part # 21040
Description  Lieber Kunde,
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTEC [TESTEC Elektronik GmbH. All rights reserved.]
Direct Link  https://testec.de/
Logo TESTEC - TESTEC Elektronik GmbH. All rights reserved.

21040 Datasheet(HTML) 9 Page - TESTEC Elektronik GmbH. All rights reserved.

Back Button 21040 Datasheet HTML 5Page - TESTEC Elektronik GmbH. All rights reserved. 21040 Datasheet HTML 6Page - TESTEC Elektronik GmbH. All rights reserved. 21040 Datasheet HTML 7Page - TESTEC Elektronik GmbH. All rights reserved. 21040 Datasheet HTML 8Page - TESTEC Elektronik GmbH. All rights reserved. 21040 Datasheet HTML 9Page - TESTEC Elektronik GmbH. All rights reserved. 21040 Datasheet HTML 10Page - TESTEC Elektronik GmbH. All rights reserved. 21040 Datasheet HTML 11Page - TESTEC Elektronik GmbH. All rights reserved. 21040 Datasheet HTML 12Page - TESTEC Elektronik GmbH. All rights reserved. 21040 Datasheet HTML 13Page - TESTEC Elektronik GmbH. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Typ / Type
TT-HVP 15HF
TT-HVP 40
Bestellnummer / Ordernumber
15000
15001
Bandbreite / Bandwidth
50MHz (-3dB)
300Hz (-3dB)
Teilungsfaktor / Attenuation
1000:1 ±1% @ 1M
1000:1 ±1% @ 10M
2000:1 ±6% @ 1M
Genauigkeit / Accuracy
VDC: ±2% / VAC: ±2% @ 1kHz
VDC: ±2% (<20kV) / ±3% (>20kV)
VAC: ±5% @ 60Hz
Eingangsimpedanz / Loading Input
100M
/ 1pF
1000M
Anstiegszeit / Rise Time
7ns
Kompensationsbereich / Compensation Range
15..30pF
Max. Eingangsspannung / Max. Input Voltage
DC: 15kV
AC: 10kVrms
PEAK: 30kV
DC: 40kV
AC: 28kVrms (0..300Hz)
Kabellänge / Cable Length
2,0m
1,0m
Abmessungen (L x B x H) / Dimensions (L x W x H)
350mm x 75mm x 75mm
350mm x 75mm x 75mm
EN61010-031
CAT I Pollution Degree 2
CAT I Pollution Degree 2
Technische Änderungen vorbehalten / All specifications and characteristics are subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com