Electronic Components Datasheet Search
  English  ▼

X  

33-SERIES Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # 33-SERIES
Description  ervicesHand Held cases
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

33-SERIES Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  33-SERIES Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
universal
enclosures
hand
held
cases
heavy
duty
enclosures
din
rail
Boxes
interface
supports
control
stations
diecast
& metal
Boxes
desktop &
instrument
cases
potting
Boxes
19"
enclosures
19"
suBracks
custom
sized
enclosures
custom
services
Hand Held cases
E L E C T RO N I C S & E NC LO S UR E S
+44 (0)1638 716101
info@camdenboss.com
www.camdenboss.com
We operate a constant improvement policy,
our products are subject to change without notice.
20
33 series Grip cases
Innovative unique design for quick and easy assembly. Features
soft-grip corners for added protection and ergonomic feel.
Corners available in wide selection of colours.
• Moulded in high impact ABS
• Screwless assembly via four soft-grip corners
• Battery compartment lid with M3 retaining screw
• Optional retaining screws for added security
• Recesses in lid and base for membrane keypads or overlays
• PCB pillars in lid and base
• Optional EPDM gasket for IP65 seal
Black
RE33133301
RE33133302
RE33133303
RE33133304
RE33133305
RE33133306
soft grip corners not included
lenGtH
145mm
145mm
185mm
185mm
200mm
200mm
widtH
95mm
95mm
110mm
110mm
120mm
120mm
HeiGHt
25mm
35mm
25mm
35mm
25mm
35mm
liGHt Grey
RE33133311
RE33133312
RE33133313
RE33133314
RE33133315
RE33133316
specification
Materials
Operating Temperature
Protection class
Standard colours
Standard unit includes
25mm high
35mm high
Lid, base, front and back panels high
impact ABS. Soft-grip corners TPE
coated polypropylene
Resistant to temperatures of up to 85°C
IP62 as standard
IP65 with gasket option
Lid, base and panels light grey or black
Soft-grip corners red, blue, yellow, green,
orange, grey or black
Custom colours available to order
Lid, base & panels
Lid, base & panels
Battery compartment & retaining screw
Soft-grip corners supplied separately
style
-
battery compartment
-
battery compartment
-
battery compartment
soft-grip corners
type no.
RE33133225
RE33133325
RE33133425
RE33133525
RE33133625
RE33133725
RE33133825
RE33133235
RE33133335
RE33133435
RE33133535
RE33133635
RE33133735
RE33133835
colour
Blue - RAL 5007
Green - RAL 6026
Red - RAL 3020
Orange - RAL 2003
Black - RAL 9004
Yellow - RAL 1021
Grey- RAL 7001
Blue- - RAL 5007
Green - RAL 6026
Red - RAL 3020
Orange - RAL 2003
Black - RAL 9004
Yellow - RAL 1021
Grey- RAL 7001
description
to fit 25mm high cases
to fit 25mm high cases
to fit 25mm high cases
to fit 25mm high cases
to fit 25mm high cases
to fit 25mm high cases
to fit 25mm high cases
to fit 35mm high cases
to fit 35mm high cases
to fit 35mm high cases
to fit 35mm high cases
to fit 35mm high cases
to fit 35mm high cases
to fit 35mm high cases
33-ip Gasket
• EPDM rubber gasket
• IP65 protection
• Operating temperature -20°C to +85°C
type no.
RE 33133402
description
33-IP Gasket


Similar Part No. - 33-SERIES

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
33-002-171PTLHT ARIES-33-002-171PTLHT Datasheet
248Kb / 2P
Flat Pin Staked Flex Jumpers
33-002-172PTLHT ARIES-33-002-172PTLHT Datasheet
248Kb / 2P
Flat Pin Staked Flex Jumpers
33-002-173PTLHT ARIES-33-002-173PTLHT Datasheet
248Kb / 2P
Flat Pin Staked Flex Jumpers
33-002.125-171PTLHT ARIES-33-002.125-171PTLHT Datasheet
248Kb / 2P
Flat Pin Staked Flex Jumpers
33-002.125-172PTLHT ARIES-33-002.125-172PTLHT Datasheet
248Kb / 2P
Flat Pin Staked Flex Jumpers
More results

Similar Description - 33-SERIES

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
E989 HAMAMATSU-E989 Datasheet
88Kb / 1P
Magnetic Shield Cases
logo
List of Unclassifed Man...
G738 ETC1-G738 Datasheet
344Kb / 2P
Desktop Cases
8554 ETC2-8554 Datasheet
310Kb / 1P
PHENOLIC INSTRUMENT CASES
5242 ETC2-5242 Datasheet
142Kb / 2P
BATTERY CONTACTS FOR MOLDED CASES
G749A ETC2-G749A Datasheet
130Kb / 1P
Desktop Cases
G752 ETC2-G752 Datasheet
89Kb / 2P
Desktop Cases - ABS
G753 ETC2-G753 Datasheet
132Kb / 1P
Desktop Cases
400-1541-GR ETC2-400-1541-GR Datasheet
206Kb / 2P
Molded ABS Plastic Cases
A9406344-AL ETC2-A9406344-AL Datasheet
326Kb / 5P
SH ELL-TYPE CASES
IP67 ETC-IP67_V01 Datasheet
259Kb / 1P
IP67 Low Profile Cases
Ver 1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com