Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA4808 Datasheet(PDF) 1 Page - Microchip Technology

Part # ATMEGA4808
Description  megaAVR® 0-series
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA4808 Datasheet(HTML) 1 Page - Microchip Technology

  ATMEGA4808 Datasheet HTML 1Page - Microchip Technology ATMEGA4808 Datasheet HTML 2Page - Microchip Technology ATMEGA4808 Datasheet HTML 3Page - Microchip Technology ATMEGA4808 Datasheet HTML 4Page - Microchip Technology ATMEGA4808 Datasheet HTML 5Page - Microchip Technology ATMEGA4808 Datasheet HTML 6Page - Microchip Technology ATMEGA4808 Datasheet HTML 7Page - Microchip Technology ATMEGA4808 Datasheet HTML 8Page - Microchip Technology ATMEGA4808 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
ATmega3208/4808 – 32-pin
Data Sheet
megaAVR® 0-series
Introduction
The ATmega3208/3209/4808/4809 microcontrollers of the megaAVR
® 0-series are using the AVR®
processor with hardware multiplier, running at up to 20 MHz, with a wide range of Flash sizes up to 48
KB, up to 6 KB of SRAM, and 256 bytes of EEPROM in 28-, 32-, or 48-pin package. The series uses the
latest technologies from Microchip with a flexible and low-power architecture including Event System and
SleepWalking, accurate analog features and advanced peripherals.
The devices described here offer Flash sizes from 32 KB to 48 KB in a 32-pin package.
Features
•
AVR
® CPU
–
Single-cycle I/O access
–
Two-level interrupt controller
–
Two-cycle hardware multiplier
•
Memories
–
Up to 48 KB In-system self-programmable Flash memory
–
256B EEPROM
–
Up to 6 KB SRAM
–
Write/Erase endurance:
•
Flash 10,000 cycles
•
EEPROM 100,000 cycles
–
Data retention: 20 Years at 85°C
•
System
–
Power-on Reset (POR) circuit
–
Brown-out Detection (BOD)
–
Clock options:
•
20 MHz low power internal oscillator with fuse-protected frequency setting
•
32.768 kHz Ultra Low Power (ULP) internal oscillator
•
32.768 kHz external crystal oscillator
•
External clock input
–
Single pin Unified Program Debug Interface (UPDI)
–
Three sleep modes:
•
Idle with all peripherals running and mode for immediate wake-up time
•
Standby
–
Configurable operation of selected peripherals
© 2018 Microchip Technology Inc.
Datasheet Preliminary
DS40002017A-page 1


Similar Part No. - ATMEGA4808

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATMEGA4808 MICROCHIP-ATMEGA4808 Datasheet
4Mb / 552P
ATmega808/809/1608/1609 Data Sheet
2021
ATMEGA4808 MICROCHIP-ATMEGA4808 Datasheet
4Mb / 552P
ATmega3208/3209 Data Sheet
2021
ATMEGA4808 MICROCHIP-ATMEGA4808 Datasheet
4Mb / 560P
ATmega4808/4809 Data Sheet
2021
ATMEGA4808-AF MICROCHIP-ATMEGA4808-AF Datasheet
4Mb / 560P
ATmega4808/4809 Data Sheet
2021
ATMEGA4808-AF-VAO MICROCHIP-ATMEGA4808-AF-VAO Datasheet
4Mb / 552P
ATmega808/809/1608/1609 Data Sheet
2021
More results

Similar Description - ATMEGA4808

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA16M1 ATMEL-ATMEGA16M1_14 Datasheet
346Kb / 12P
8-bit Atmel megaAVR Microcontroller
logo
Microchip Technology
ATTINY804 MICROCHIP-ATTINY804 Datasheet
3Mb / 522P
tinyAVR짰 0-series
2021
logo
Bridgelux, Inc.
DS484 BRIDGELUX-DS484 Datasheet
405Kb / 16P
Bridgelux® Pallas-A Single Channel 46W (0-10V) Linear Driver
Rev. A 08/2022
DS485 BRIDGELUX-DS485 Datasheet
432Kb / 16P
Bridgelux® Pallas-A Single Channel 40W (0-10V) Linear Driver
Rev. A 08/2022
DS486 BRIDGELUX-DS486 Datasheet
436Kb / 16P
Bridgelux® Pallas-A Single Channel 60W (0-10V) Linear Driver
Rev. A 08/2022
DS487 BRIDGELUX-DS487 Datasheet
414Kb / 16P
Bridgelux® Pallas-A Single Channel 80W (0-10V) Linear Driver
Rev. A 08/2022
DS488 BRIDGELUX-DS488 Datasheet
405Kb / 16P
Bridgelux® Pallas-A Single Channel 96W (0-10V) Linear Driver
Rev. A 08/2022
logo
Lapp.
10399400 LAPP-10399400 Datasheet
125Kb / 2P
EPIC® MCS 0 / MCB 0 BLIND
18.09.2018
44423232 LAPP-44423232 Datasheet
86Kb / 1P
EPIC® MH 0
17.09.2018
44424041 LAPP-44424041 Datasheet
286Kb / 3P
EPIC® POWER K 4/0
02.06.2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com