Electronic Components Datasheet Search
  English  ▼

X  

MQDEC-415SS Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # MQDEC-415SS
Description  R70ER Ethernet Data Radio
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

MQDEC-415SS Datasheet(HTML) 1 Page - Banner Engineering Corp.

  MQDEC-415SS Datasheet HTML 1Page - Banner Engineering Corp. MQDEC-415SS Datasheet HTML 2Page - Banner Engineering Corp. MQDEC-415SS Datasheet HTML 3Page - Banner Engineering Corp. MQDEC-415SS Datasheet HTML 4Page - Banner Engineering Corp. MQDEC-415SS Datasheet HTML 5Page - Banner Engineering Corp. MQDEC-415SS Datasheet HTML 6Page - Banner Engineering Corp. MQDEC-415SS Datasheet HTML 7Page - Banner Engineering Corp. MQDEC-415SS Datasheet HTML 8Page - Banner Engineering Corp. MQDEC-415SS Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Original Instructions
01-Oct-24
p/n: 226574 Rev. D
R70ER Ethernet Data Radio
© Banner Engineering Corp. All rights reserved.
•
•
•
•
•
•
Features
The Sure Cross R70ER Ethernet Data Radio is a compact, industrial, communication device used to create point-to-
multipoint configurations of wireless Ethernet networks. The R70ER is available in two frequencies, 900 MHz and 2.4
GHz, and is fitted with D-Code M12 quick disconnect connectors for fast deployment.
Star or tree network topology configuration
DIP switches select operational modes
No IP address configuration is required
Frequency Hopping Spread Spectrum (FHSS) technology ensures reliable data delivery
Self-healing, auto-routing radio frequency network with multiple hops to extend the network's range
Advanced Encryption Standard (AES) using a 256-bit cryptographic key
For additional information, updated documentation, and a list of accessories, refer to Banner Engineering's
website, www.bannerengineering.com.
Models
Models
Frequency
Transmit Power
R70ER9MQ
900 MHz ISM Band
500 mW
R70ER2MQ
2.4 GHz ISM Band
65 mW (100 mW EIRP)
Quick Start Guide
Set Up Your R70ER Radio Network
Each radio network should include one controller/primary radio and several repeater or peripheral radios. To set up and install your wireless
data radio network, follow these steps:
Before installing your Ethernet data radios, first verify that your Ethernet devices work.
This verifies the devices are configured correctly before replacing the cabled connection with a wireless connection.
1.
Connect your devices using an Ethernet cable.
a.
Configure the IP addresses of your devices and use a ping test with Ethernet cables to verify the connectivity before
installing the radios.
b.
Configure the DIP switches of the R70ER.
2.
Apply power to all devices.
3.
Form the wireless network by binding the repeater and peripheral radios to the controller/primary radio.
4.
Observe the LED behavior to verify the devices are communicating with each other.
5.
Verify the Ethernet devices work wirelessly.
6.
Remove power to the R70 devices.
a.
Connect your Ethernet devices to the R70 Ethernet Radios and apply power.
b.
Run a ping test to confirm data is moving correctly through the wireless network.
c.


Similar Part No. - MQDEC-415SS

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
MQDEC-415SS BANNER-MQDEC-415SS Datasheet
3Mb / 17P
WLF12 Flexible LED Strip Light
March 08, 2024 Rev. A
MQDEC-415SS-PUR BANNER-MQDEC-415SS-PUR Datasheet
520Kb / 8P
K50 Pro Touch Button with IO-Link
More results

Similar Description - MQDEC-415SS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA6579 PHILIPS-SAA6579 Datasheet
116Kb / 16P
Radio Data System RDS demodulator
1997 Feb 24
logo
Silan Microelectronics ...
SC6579 SILAN-SC6579 Datasheet
279Kb / 9P
RADIO DATA SYSTEM (RDS) DEMODULATOR
logo
List of Unclassifed Man...
R2705 ETC2-R2705 Datasheet
83Kb / 3P
27.195MHz FSK Radio Data Receiver
R433E ETC2-R433E Datasheet
80Kb / 2P
433.920 MHz ASK RADIO DATA RECEIVER
FMR-05D ETC2-FMR-05D Datasheet
23Kb / 3P
Radio data receiver
logo
Harris Corporation
RF-7800W-OU440 HARRIS-RF-7800W-OU440 Datasheet
2Mb / 2P
Broadband Ethernet Radio
logo
SHENZHEN KYL COMMUNICAT...
KYL-300H KYL-KYL-300H_1 Datasheet
163Kb / 9P
High Speed Data Radio Module
KYL-300M KYL-KYL-300M_1 Datasheet
141Kb / 10P
RF Data Radio Module
logo
Banner Engineering Corp...
DX80DR9M-H5 BANNER-DX80DR9M-H5 Datasheet
1Mb / 8P
Sure Cross짰 MultiHop H5 Data Radio
DX80ER9M-H BANNER-DX80ER9M-H Datasheet
1Mb / 15P
Sure Cross® MultiHop Ethernet Data Radio
14 March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com