Electronic Components Datasheet Search
  English  ▼

X  

FMP-12C5 Datasheet(PDF) 3 Page - 3M Electronics

Part # FMP-12C5
Description  3M™ Eco SPP3 19" Fibre Optic Patch Panels
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

FMP-12C5 Datasheet(HTML) 3 Page - 3M Electronics

  FMP-12C5 Datasheet HTML 1Page - 3M Electronics FMP-12C5 Datasheet HTML 2Page - 3M Electronics FMP-12C5 Datasheet HTML 3Page - 3M Electronics FMP-12C5 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ordering information
Ref. No.
Patch Panel, 1U with 12 ST MM Couplers
ECO-SPP3-E-1T-M
Patch Panel, 1U with 24 ST MM Couplers
ECO-SPP3-E-2T-M
Patch Panel, 1U with 6 SC Duplex MM Couplers
ECO-SPP3-E-6C-DM
Patch Panel, 1U with 12 SC Duplex MM Couplers
ECO-SPP3-E-1C-DM
Patch Panel, 1U with 24 SC Duplex MM Couplers
ECO-SPP3-E-2C-DM
Patch Panel, 1U with 12 SC Simplex SM Couplers
ECO-SPP3-E-1C-SS
Patch Panel, 1U with 24 SC Simplex SM Couplers
ECO-SPP3-E-2C-SS
Patch Panel, 1U with 12 SC/APC Simplex SM Couplers
ECO-SPP3-E-1APC-SS
Patch Panel, 1U with 24 SC/APC Simplex SM Couplers
ECO-SPP3-E-2APC-SS
Patch Panel, 1U with 12 LC Duplex MM Couplers
ECO-SPP3-E-1LC-DM
Patch Panel, 1U with 24 LC Duplex MM Couplers
ECO-SPP3-E-2LC-DM
Patch Panel, 1U with 12 LC Duplex SM Couplers
ECO-SPP3-E-1LC-SS
Patch Panel, 1U with 24 LC Duplex SM Couplers
ECO-SPP3-E-2LC-SS
Ordering information Accessories (not included)
Ref. No.
FO-Splicing cassette
29026-500 31
Incl. strain relief and cable mangement
Dimentions: 155 x 92 x 8 mm (HxWxD)
Colour: RAL 9001 (cream white)
PU: 10 pcs
FO-Splicing cassette
29026-500 30
Incl. splice protective holder for 12 crimp splice protector
and cable mangement
Dimentions: 155 x 92 x 8 mm (HxWxD)
Colour: RAL 9001 (cream white)
PU: 10 pcs
FO Lid
For splicing casette
Colour: RAL 9001 (cream white)
PU: 10 pcs
29025-503 30
PU: 5 pcs
29025-503 31
Hinge
03-756-00500
To connect splicing cassette and lid
PU: 100 pcs
FO-Strain relief
29031-000 30
For 12 fibres with Ø 0,9 and 1,1 mm coating
PU: 50 pcs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com