Electronic Components Datasheet Search
  English  ▼

X  

USC1 Datasheet(PDF) 1 Page - Pama & Co Ltd.

Part # USC1
Description  PAMA 12/24V UNIVERSAL IN CAR CHARGER - USC1
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAMA [Pama & Co Ltd.]
Direct Link  https://www.pama.com/wholesale/
Logo PAMA - Pama & Co Ltd.

USC1 Datasheet(HTML) 1 Page - Pama & Co Ltd.

  USC1 Datasheet HTML 1Page - Pama & Co Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PAMA 12/24V UNIVERSAL IN CAR CHARGER - USC1
Pama Keeping You Charged with this New Universal charger while you are out in the car or truck. Full
electronic protection at a competitive price with led power indicator and 9 adaptors.


Similar Part No. - USC1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
USC1104 SEMTECH-USC1104 Datasheet
59Kb / 2P
RECTIFIER, up to 400V, 2.1A, 50ns
USC1105 SEMTECH-USC1105 Datasheet
59Kb / 2P
RECTIFIER, up to 400V, 2.1A, 50ns
USC1106 SEMTECH-USC1106 Datasheet
59Kb / 2P
RECTIFIER, up to 400V, 2.1A, 50ns
USC1304 SEMTECH-USC1304 Datasheet
58Kb / 2P
RECTIFIER, up to 400V, 5A, 50ns
USC1305 SEMTECH-USC1305 Datasheet
58Kb / 2P
RECTIFIER, up to 400V, 5A, 50ns
More results

Similar Description - USC1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3647 TI1-LM3647 Datasheet
568Kb / 19P
Universal Battery Charger
logo
SHENZHEN FUMAN ELECTRON...
TC3586 FUMAN-TC3586 Datasheet
252Kb / 5P
Universal charger
TC3588 FUMAN-TC3588 Datasheet
216Kb / 6P
Universal charger
TC3588C FUMAN-TC3588C Datasheet
139Kb / 6P
Universal charger
logo
Shenzhen Huazhimei Semi...
HM1494 HMSEMI-HM1494 Datasheet
475Kb / 6P
Car charger
HM1495 HMSEMI-HM1495 Datasheet
1Mb / 11P
Car charger
HM1496 HMSEMI-HM1496 Datasheet
1Mb / 11P
Car charger
HM3514 HMSEMI-HM3514 Datasheet
441Kb / 7P
Car charger
logo
IOGEAR
GPAC2U4 IOGEAR-GPAC2U4 Datasheet
144Kb / 3P
GearPower Dual USB 4.2A Car Charger
logo
Pepperl+Fuchs Inc.
CCS01-R PF-CCS01-R Datasheet
116Kb / 1P
Car charger
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com