Electronic Components Datasheet Search
  English  ▼

X  

EX355 Datasheet(PDF) 1 Page - Thurlby Thandar Instruments Ltd.

Part # EX355
Description  EL and EX series DC bench PSUs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIM-TTI [Thurlby Thandar Instruments Ltd.]
Direct Link  https://www.aimtti.com/
Logo AIM-TTI - Thurlby Thandar Instruments Ltd.

EX355 Datasheet(HTML) 1 Page - Thurlby Thandar Instruments Ltd.

  EX355 Datasheet HTML 1Page - Thurlby Thandar Instruments Ltd. EX355 Datasheet HTML 2Page - Thurlby Thandar Instruments Ltd. EX355 Datasheet HTML 3Page - Thurlby Thandar Instruments Ltd. EX355 Datasheet HTML 4Page - Thurlby Thandar Instruments Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Specifications
82100-0082
THURLBY THANDAR INSTRUMENTS
EL & EX Series
Compact bench DC power supplies
single, dual and triple output models
CYAN MAGENTA YELLOW BLACK
EX series
MAIN OUTPUTS
Voltage Range:
0V to 35V minimum (EX355, EX354D, EX354T)
0V to 75V or 0V to 150V minimum (EX752M)
Current Range:
0A to 2A or 0A to 4A minimum (EX752M)
0A to 4A minimum (EX354D, EX354T)
0A to 5A minimum (EX355)
Operating Mode:
Constant voltage or constant current with automatic
cross-over and indication.
Voltage Setting:
By coarse and fine controls.
Current Setting:
By single logarithmic control.
Load regulation:
<0.01% of max. O/P for a 90% load change.
Line regulation:
<0.01% of max. O/P for a 10% line voltage change.
Output impedance:
Typically <5m
Ω in constant voltage mode. Typically
>50k
Ω in constant current mode.
Ripple & Noise
(20MHz bandwidth):
Typically <2mV rms, <10mV pk-pk, (CV mode).
Transient Response:
<200µs to within 50mV of set level for 90% load change.
Temp. Coefficient:
Typically <100ppm/
oC.
Output Protection:
Outputs will withstand forward voltages of up to 40V
(EX355, EX354D, EX354T) or 85V/170V (EX752M).
Over-voltage clamp operates above these levels.
Reverse protection by diode clamp for currents up to 3A.
Status Indication:
Output ON lamps. Constant current mode lamps.
Output Switch:
Electronic. Preset voltage and current displayed when
output is off.
Output Terminals:
4mm terminals on 19mm (0.75") pitch (see below).
Special safety terminals on EX752M.
METERS (main outputs)
Meter Types:
Separate 3 digit meters for voltage and current with
14mm (0.56") LED displays. Reading rate 4/sec.
(4 digit voltmeter on EX752M).
Meter Resolutions:
100mV, 10mA.
Meter Accuracies:
Voltage 0.3% ±1 digit. Current 0.6% ±1 digit.
LOGIC OUTPUT (EX354T only)
Voltage:
5V or 3.3V, selectable by front panel switch.
Voltage accuracy:
±2%
Current limit:
5A minimum
Load regulation:
<0.5% for a 90% load change.
Line regulation:
<0.1% for a 10% line voltage change.
Ripple & Noise
(20MHz bandwidth):
Typically <2mV rms, <10mV pk-pk.
Output Protection:
Output will withstand up to 7V forward voltage.
Diode clamp reverse protection for currents to 3A.
Output Terminals:
4mm terminals on 19mm (0.75") pitch (see below).
Status Indication:
Current limit lamp.
EL series
MAIN OUTPUTS
Voltage Range:
0V to18V minimum (EL183)
0V to 30V minimum (EL301, EL302, EL302D, EL302T)
0 to 56V minimum (EL561)
Current Range:
0A to 1A minimum (EL301)
0A to 1.1A minimum (EL561)
0A to 2A minimum (EL302, EL302D, EL302T)
0A to 3.3A minimum (EL183)
Operating Mode:
Constant voltage or constant current with automatic
cross-over and indication.
Voltage Setting:
By coarse and fine controls.
Current Setting:
By single logarithmic control.
Load regulation:
<0.01% of max. O/P for a 90% load change.
Line regulation:
<0.01% of max. O/P for a 10% line voltage change.
Output impedance:
Typically <5m
Ω in constant voltage mode. Typically
>50k
Ω in constant current mode.
Ripple & Noise
(20MHz bandwidth):
Typically <1mV rms, (CV mode).
Transient Response:
<20µs to within 50mV of set level for 90% load change.
Temp. Coefficient:
Typically <100ppm/
oC.
Output Protection:
Outputs will withstand forward voltages of up to 20V
above the rated output voltage. Reverse protection
by diode clamp for currents up to 3A.
Status Indication:
Output ON lamps. Constant current mode lamps.
Output Switch:
Electronic. Preset voltage and current displayed when
output is off.
Output Terminals:
4mm terminals on 19mm (0.75") pitch (see below).
METERS (main outputs)
Meter Types:
Separate 3 digit meters for voltage and current with
14mm (0.56") LED displays. Reading rate 4/sec.
Meter Resolutions:
100mV, 10mA.
Meter Accuracies:
Voltage 0.3% ±1 digit. Current 0.6% ±1 digit.
LOGIC OUTPUT (EL302T only)
Voltage:
5V or 3.3V, selectable by front panel switch.
Voltage accuracy:
±3%
Current limit:
1A minimum.
Load regulation:
<0.5% for a 90% load change.
Line regulation:
<0.1% for a 10% line voltage change.
Ripple & Noise
(20MHz bandwidth):
Typically <1mV rms.
Output Protection:
Output will withstand up to 16V forward voltage.
Diode clamp reverse protection for currents to 3A.
Output Terminals:
4mm terminals on 19mm (0.75") pitch (see below).
Status Indication:
Current limit lamp.
Thurlby Thandar Instruments Ltd. operates a policy of continuous development and
reserves the right to alter specifications without prior notice.
GENERAL SPECIFICATIONS
MODEL
SIZE (W X H X D) mm
WEIGHT (kg)
Input VA max.
EL301
140 x 160 x 295
3.4
85
EL183
140 x 160 x 295
4.4
160
EL302
140 x 160 x 295
4.4
160
EL561
140 x 160 x 295
4.4
160
EX355
140 x 160 x 320
3.0
350
EL302D
260 x 160 x 295
7.5
320
EL302T
260 x 160 x 295
7.5
320
EX354D
260 x 160 x 320
4.3
600
EX354T
260 x 160 x 320
4.3
600
EX752M
260 x 160 x 320
4.4
600
OUTPUT TERMINALS
Standard Type:
4mm "binding post" terminals suitable for plugs or wires.
EX752M only:
As above but with fully "touch proof" construction.
Optional (all models): 4mm safety sockets, suitable for shrouded plugs.
POWER
AC Input:
EL series: 230V or 115V ±10% AC, 50/60Hz.
EX355, EX752M: 99V to 262V AC, 50/60Hz.
EX354D, EX354T: 230V ±14% (115V to order).
Installation Category II.
Consumption:
See table for maximum VA figures for each model.
ENVIRONMENTAL
Operating Range:
+5
oC to +40oC, 20% to 80% RH.
Storage Range:
-40
oC to + 70oC.
Environmental:
Indoor use at altitudes to 2000m, Pollution Degree 1.
Safety:
Complies with EN61010-1.
EMC:
Complies with EN50081-1 and EN50082-1.
Designed and built in the U.K. by:
Thurlby Thandar Instruments Ltd.
Glebe Road, Huntingdon. Cambs. PE18 7DX England
Tel: 01480 412451 Fax: 01480 450409 Email: sales@ttinst.co.uk
Web: http://www.ttinst.co.uk
voltage ranges from 0 -18V to 0 -150V
powers from 30 watts to over 300 watts


Similar Part No. - EX355

ManufacturerPart #DatasheetDescription
logo
Thurlby Thandar Instrum...
EX355P AIM-TTI-EX355P Datasheet
1Mb / 8P
AIM & THURLBY THANDAR INSTRUMENTS
EX355R AIM-TTI-EX355R Datasheet
1Mb / 8P
AIM & THURLBY THANDAR INSTRUMENTS
More results

Similar Description - EX355

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1071048 PHOENIX-1071048 Datasheet
436Kb / 13P
SPTAF 1/ 4-5,0-EL-EX
1071009 PHOENIX-1071009 Datasheet
76Kb / 4P
PCB terminal block - SPTAF 1/12-3,5-EL-EX
10/28/2020
1071005 PHOENIX-1071005 Datasheet
298Kb / 10P
PCB terminal block - SPTAF 1/ 8-3,5-EL-EX
Jan 10, 2023
1071002 PHOENIX-1071002 Datasheet
301Kb / 10P
SPTAF 1/ 5-3,5-EL-EX - PCB terminal block
1071049 PHOENIX-1071049 Datasheet
299Kb / 10P
SPTAF 1/ 5-5,0-EL-EX - PCB terminal block
1071003 PHOENIX-1071003 Datasheet
306Kb / 10P
SPTAF 1/ 6-3,5-EL-EX - PCB terminal block
1071007 PHOENIX-1071007 Datasheet
306Kb / 10P
SPTAF 1/10-3,5-EL-EX - PCB terminal block
1071050 PHOENIX-1071050 Datasheet
304Kb / 10P
SPTAF 1/ 6-5,0-EL-EX - PCB terminal block
1071059 PHOENIX-1071059 Datasheet
304Kb / 10P
SPTAF 1/11-5,0-EL-EX - PCB terminal block
1071051 PHOENIX-1071051 Datasheet
304Kb / 10P
SPTAF 1/ 7-5,0-EL-EX - PCB terminal block
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com