Electronic Components Datasheet Search
  English  ▼

X  

EX354D Datasheet(PDF) 2 Page - Thurlby Thandar Instruments Ltd.

Part # EX354D
Description  EL and EX series DC bench PSUs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIM-TTI [Thurlby Thandar Instruments Ltd.]
Direct Link  https://www.aimtti.com/
Logo AIM-TTI - Thurlby Thandar Instruments Ltd.

EX354D Datasheet(HTML) 2 Page - Thurlby Thandar Instruments Ltd.

  EX354D Datasheet HTML 1Page - Thurlby Thandar Instruments Ltd. EX354D Datasheet HTML 2Page - Thurlby Thandar Instruments Ltd. EX354D Datasheet HTML 3Page - Thurlby Thandar Instruments Ltd. EX354D Datasheet HTML 4Page - Thurlby Thandar Instruments Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EL and EX series DC bench PSUs
compact bench power supplies offering an unrivalled combination of performance and value
CYAN MAGENTA YELLOW BLACK
EX - high power with high performance
The EX series provides high levels of power (up to 305 watts) in a
compact and attractive case style.
Switch-mode pre-regulation is combined with linear post-
regulation to provide performance comparable with an all linear
design.
Excellent line and load regulation is matched by low noise and
good transient response. High power efficiency makes fan cool-
ing unnecessary.
EX series - initial model range
Model
O/Ps
V max. / A max.
Power
EX355
1
35V/5A
175W
EX354D
2
2 x 35V/4A
280W
EX752M
2
2 x 75V/2A
or 75V/4A or 150V/2A
300W
EX354T
3
2 x 35V/4A + 5V/5A
305W
Single, dual or triple outputs
EX series units are available in single, dual or triple output ver-
sions.
The EX354D, for example, has two independent and isolated out-
puts each witha0to 35V, 0 to 4A capability. The outputs operate
in constant voltage or constant current mode with automatic
crossover and mode indication. Each output has its own on-off
switch.
The outputs can be wired in either series or parallel to provide volt-
ages up to 70 volts or currents up to 8 amps.
The EX354T has an additional ‘logic voltage’ output with a 5A cur-
rent capability. This output can be selected as 5V or 3.3V via a
front panel switch.
Output voltages up to 150V
The EX752M is a dual output 300 watt PSU with Multi-Mode
capability. This enables it to operate as a dual power supply
with two independent and isolated outputs, or as a single
power supply of double the power.
As a dual, each output provides 0 to 75V at 0 to 2A (mode A). As a
single the output can be selected as either 0 to 75V at 0 to 4A
(mode B) or 0 to 150V at 0 to 2A (mode C). In single modes, the
unused half of the unit becomes completely inoperative and its
displays are blanked.
Because of the higher voltages it can produce, the EX752M uses
special safety binding posts which can accept spade terminals,
4mm plugs, or bare-end wires without exposing any metal parts.
Safety and reliability
The EL & EX series has been designed to meet the stringent re-
quirements of relevant IEC standards for safety and EMC.
All outputs are intrinsically short circuit proof, and are protected
against external voltages and reverse currents.
EL - high performance with low costs
The EL series provides medium levels of power (up to 125 watts)
in a compact and attractive case style using all-linear regulation.
High resolution controls allow precise setting of voltage and
current levels which are indicated on accurate and highly
legible digital meters.
Excellent line and load regulation is matched by very low noise
and good transient response. Improved power efficiency ensures
that the unit requires no fan cooling.
A wide choice of voltage and current
Single output EL series power supplies are available in a variety of
voltage and current combinations to suit differing applications.
Single, dual or triple outputs
EL series units are also available in dual or triple output versions.
The EL302D, for example, has two independent and isolated out-
puts each witha0to 30V, 0 to 2A capability. The outputs operate
in constant voltage or constant current mode with automatic
crossover and mode indication. Each output has its own on-off
switch. The outputs can be wired in either series or parallel to pro-
vide voltages up to 60 volts or currents up to 4 amps.
The EL302T has an additional ‘logic voltage’ output with a 1A cur-
rent capability. This output can be selected as 5V or 3.3V via a
front panel switch.
Power-matched technologies
The EL and EX series of DC bench power supplies have been de-
signed to meet the need for a compact power supply of good per-
formance at a reasonable price.
Two different technologies have been used - all linear for power
levels up to 125 watts (EL series) and switch-mode pre-regulation
with linear post-regulation for higher powers (EX series).
Constant voltage or constant current
The main outputs can operate in constant voltage or constant cur-
rent mode with automatic crossover and mode indication. Coarse
and fine voltage controls are provided. The current control is loga-
rithmic enabling low current levels to be set accurately.
Simultaneous digital metering
The EL and EX series incorporate separate digital voltage and
current meters on each main output. The meters use bright 14mm
(0.56") LED displays and have an update rate of 4 per second pro-
viding near instantaneous response.
Simultaneous metering of voltage and current provides accurate
information “at a glance” and avoids any possibility of misinterpre-
tation.
When an output switch is set to “off”, the current limit setting is dis-
played enabling conditions to be set before the load is connected.
Ready for low-voltage logic
To reflect the increasing usage of low-voltage logic devices, the
third output of the EL302T and EX354T can be switched be-
tween 5 volts and 3.3 volts.
EL series - initial model range
Model
O/Ps
V max. / A max.
Power
EL301
1
30V/1A
30W
EL183
1
18V/3.3A
60W
EL302
1
30V/2A
60W
EL561
1
56V/1.1A
60W
EL302D
2
2 x 30V/2A
120W
EL302T
3
2 x 30V/2A + 5V/1A
125W
EL & EX series - combined range
Single Output
EL301
30V/1A
30 watts
EL183
18V/3.3A
60 watts
EL302
30V/2A
60 watts
EL561
56V/1.1A
60 watts
EX355
35V/5A
175 watts
Dual Output
EL302D
2 x 30V/2A
120 watts
EX354D
2 x 35V/4A
280 watts
EX752M
2 x 75V/2A
or 1 x 75V/4A
or 1 x 150V/2A
300 watts
Triple Output
EL302T
2 x 30V/2A + 5V/1A
125 watts
EX354T
2 x 35V/4A + 5V/5A
305 watts
Further models will follow; please contact our sales desk or visit
our web site for up to date information.
Models illustrated within this brochure:
Above:
EL302T
EX355
EX752M (mode C)
Front cover:
EX354T
EL183 (EL301, EL302, EL561 are similar)
EL302D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com