Electronic Components Datasheet Search
  English  ▼

X  

KI1663EB6 Datasheet(PDF) 1 Page - I.L.M.E. S.p.A.

Part # KI1663EB6
Description  interlocked socket-outlets without fuse carrier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILME [I.L.M.E. S.p.A.]
Direct Link  www.ilme.com
Logo ILME - I.L.M.E. S.p.A.

KI1663EB6 Datasheet(HTML) 1 Page - I.L.M.E. S.p.A.

  KI1663EB6 Datasheet HTML 1Page - I.L.M.E. S.p.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2P+
m
50 and 60
100 ÷ 130
4
KI 1643 EB6
KI 3243 EB6
50 and 60
200 ÷ 250
6
KI 1663 EB6
KI 3263 EB6
50 and 60
380 ÷ 415
9
KI 1693 EB6
KI 3293 EB6
50 and 60
480 ÷ 500
7
KI 1673 EB6
KI 3273 EB6
50 and 60
ins. transformer
12
KI 16123 EB6
a.v.
KI 32123 EB6
a.v.
> 300 ÷ 500
> 50
2
KI 1623 EB6
*)
KI 3223 EB6
*)
c.c.
> 50 ÷ 250
3
KI 1633 EB6
a.v.
KI 3233 EB6
a.v.
Poles
Frequency
Voltage Earthing contact
Part No.
Colour Part No.
Colour
Hz
V
position h
16A
32A
IP66 degree of protection
IP66 degree of protection
Dimensions indicated are not binding and may be
changed without prior notice.
KI .. EB6
interlocked socket-outlets without fuse carrier
G
Compliant with EN 60309-1, 2 e 4
G
Enclosures and inserts in insulating self-extinguishing
thermoplastic material, RAL 7035 grey
G
16A and 32A types with spring lid
G
Factory installed internal wiring
G
Cable entry with threaded metric opening
G
“ZG” series switch, with 32A rating
G
Mechanical interlock that prevents:
the switch from being turned on without the plug
inserted and the plug from being removed while the
switch is on
G
Lockable switch
G
Inspection panel, openable only when the switch is off.
3P+N+
m
50 and 60
57/100 ÷ 75/130
4
KI 1645 EB6
KI 3245 EB6
50 and 60
120/208 ÷ 144/250
9
KI 1695 EB6
KI 3295 EB6
50 and 60
200/346 ÷ 240/415
6
KI 1665 EB6
KI 3265 EB6
50 and 60
277/480 ÷ 288/500
7
KI 1675 EB6
KI 3275 EB6
60
250/440 ÷ 265/460
11
KI 16115 EB6
KI 32115 EB6
50
220/380
3
KI 1635 EB6
KI 3235 EB6
60
250/440
3
KI 1635 EB6
KI 3235 EB6
> 300 ÷ 500
> 50
2
KI 1625 EB6
*)
KI 3225 EB6
*)
3P+
m
50 and 60
100 ÷ 130
4
KI 1644 EB6
KI 3244 EB6
50 and 60
200 ÷ 250
9
KI 1694 EB6
KI 3294 EB6
50 and 60
380 ÷ 415
6
KI 1664 EB6
KI 3264 EB6
60
440 ÷ 460
11
KI 16114 EB6
KI 32114 EB6
50 and 60
480 ÷ 500
7
KI 1674 EB6
KI 3274 EB6
50
380
3
KI 1634 EB6
KI 3234 EB6
60
440
3
KI 1634 EB6
KI 3234 EB6
100 ÷ 300
> 50
10
KI 16104 EB6
*)
KI 32104 EB6
*)
> 300 ÷ 500
> 50
2
KI 1624 EB6
*)
KI 3224 EB6
*)
Legend
A.V.
= Colour according to voltage
*)
Green may be used together with the colour of the
operating range for frequencies above 60 Hz and up
to a maximum of 500 Hz
Dimensions in mm
20,5
A
114
15°
117
24
18,5
191
97
Ø 23
Ø 4,5
M25
228
poles
A
2P+m
252
3P+m
252
3P+N+m 252
2P+m
260
3P+m
260
3P+N+m 260
12


Similar Part No. - KI1663EB6

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KI10N03 KEXIN-KI10N03 Datasheet
123Kb / 4P
N-Channel MOSFET
KI10N06DY KEXIN-KI10N06DY Datasheet
716Kb / 5P
N-Channel MOSFET
KI10P40DY KEXIN-KI10P40DY Datasheet
475Kb / 1P
P-Channel MOSFET
KI1302DL KEXIN-KI1302DL Datasheet
58Kb / 2P
N-Channel 30-V (D-S) MOSFET
KI1303EDL KEXIN-KI1303EDL Datasheet
60Kb / 2P
P-Channel 2.5-V (G-S) MOSFET
More results

Similar Description - KI1663EB6

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0031.3555 SCHURTER-0031.3555 Datasheet
67Kb / 1P
bayonet type fuse carrier
logo
List of Unclassifed Man...
K2946ALM ETC2-K2946ALM Datasheet
273Kb / 3P
Metalclad Plus??Socket Outlets
logo
Schneider Electric
DFCC3 SCHNEIDER-DFCC3 Datasheet
106Kb / 2P
Fuse carrier TeSys DF, 3P 30A, fuse class CC
Jul 12, 2021
DFCC2V SCHNEIDER-DFCC2V Datasheet
92Kb / 2P
Fuse carrier TeSys DF, 2P 30A, fuse class CC, blown fuse indicator
Jul 12, 2021
DFCC2 SCHNEIDER-DFCC2 Datasheet
92Kb / 2P
Fuse carrier TeSys DF, 2P 30A, fuse class CC
Jul 12, 2021
DFCC1V SCHNEIDER-DFCC1V Datasheet
90Kb / 2P
Fuse carrier TeSys DF, 1P 30A, fuse class CC, Fuse carrier TeSys DF, 1P 30A, fuse class CC,
Jul 12, 2021
DFCC1 SCHNEIDER-DFCC1 Datasheet
89Kb / 2P
Fuse carrier TeSys DF, 1P 30A, fuse class CC
Jul 12, 2021
DFCC1 SCHNEIDER-DFCC1_V01 Datasheet
103Kb / 3P
Fuse carrier TeSys DF, 1P 30A, fuse class CC
May 30, 2022
DFCC2 SCHNEIDER-DFCC2_V01 Datasheet
106Kb / 3P
Fuse carrier TeSys DF, 2P 30A, fuse class CC
May 30, 2022
DFCC3 SCHNEIDER-DFCC3_V01 Datasheet
120Kb / 3P
Fuse carrier TeSys DF, 3P 30A, fuse class CC
May 30, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com