Electronic Components Datasheet Search
  English  ▼

X  

3140 Datasheet(PDF) 1 Page - Pro-Power

Part # 3140
Description  Insulating Tape
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

3140 Datasheet(HTML) 1 Page - Pro-Power

  3140 Datasheet HTML 1Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3140 Waterproof Cloth Tape
Insulating Tape
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
23/05/12 V1.1
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.
Feature
• An economy waterproof cloth tape featuring a synthetic rayon construction laminated
to a 60 micron polythene sheet and coated with a hot melt rubber adhesive system
Properties
Total Thickness
: 0.165 mm
Tensile Strength
: 35 N / cm
Steel Adhesion
: 6.5 N / cm
Elongation at Break
: 25%
Temperature Range
: 0 to 60°C
Shelf Life
: 1 year in original packaging stored in cool dry conditions
Part Number Table
Application
Economy gaffer tape, reinforcing, jointing polythene sheeting, book binding / repair or carpet underlay jointing
Description
Part Number
Tape, Gaffer, Waterproof, Black
A-WPT50
Tape, Gaffer, Waterproof, Silver
A-WPT50/SL
Tape, Gaffer, Waterproof, White
GFAWHT
Tape, Gaffer, Waterproof, Red
GFARED
Tape, Gaffer, Waterproof, Blue
GFABLUE
Tape, Gaffer, Waterproof, Yellow
GFAYELL
Tape, Gaffer, Waterproof, Brown
GFABRN


Similar Part No. - 3140

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3140 ETC1-3140 Datasheet
100Kb / 4P
POTENTIOMETERS INDUCTORS, SMDs SWITCHES, NETWORKS ENCODERS POWER COMPONENTS
logo
Allegro MicroSystems
3140 ALLEGRO-3140 Datasheet
408Kb / 8P
HALL-EFFECT SWITCHES
logo
List of Unclassifed Man...
3140 ETC2-3140 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3140 ETC2-3140 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3140 HEYCO-3140 Datasheet
141Kb / 1P
Glossy and Thick Panel Glossy Plugs
More results

Similar Description - 3140

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0311579 PHOENIX-0311579 Datasheet
48Kb / 2P
Insulating sleeve - PS-IH RD - 0311579
logo
List of Unclassifed Man...
561-MP1010 ETC2-561-MP1010 Datasheet
273Kb / 2P
Mini Insulating Bushing
561-MP2502 ETC2-561-MP2502 Datasheet
293Kb / 2P
STANDARD INSULATING BUSHINGS
7721-8PPSG ETC2-7721-8PPSG Datasheet
103Kb / 2P
Standard Products - Insulating Shoulder Washers
logo
Switchcraft, Inc.
S4263 SWITCH-S4263 Datasheet
71Kb / 2P
INSULATING WASHER
logo
PHOENIX CONTACT
103089 PHOENIX-103089 Datasheet
153Kb / 2P
Ferrules in Tape Form With Insulating Collar According to DIN 46228-4
3201929 PHOENIX-3201929 Datasheet
98Kb / 2P
Ferrules With Extra Large Insulating Collar
3202481 PHOENIX-3202481 Datasheet
97Kb / 2P
Ferrules Without Insulating Collar
3202520 PHOENIX-3202520 Datasheet
97Kb / 2P
Ferrules Without Insulating Collar
logo
3M Electronics
4710 3M-4710 Datasheet
394Kb / 4P
3M??Novec??4710 Insulating Gas
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com