Electronic Components Datasheet Search
  English  ▼

X  

G113AA Datasheet(PDF) 1 Page - Pro-Signal

Part # G113AA
Description  XLR Lead, Plug-Socket
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

G113AA Datasheet(HTML) 1 Page - Pro-Signal

  G113AA Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
21/03/12
XLR Lead, Plug-Socket
20m
Specification
Colour
: Black
Packing
: Bag & Header
Connectors
: 3 Pin XLR line plug / 3 Pin XLR line Socket
Length
: 20 (m)
Type
: Standard
Cable Required
: 2 Core Screened Cable
Features
•  Standard quality XLR line plug to XLR line
Socket
•  All Metal Connectors
•  Unbalanced Lead
Description
Part Number
Lead, XLR PLG-SKT, 20M
G113AA
Part Number Table
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.


Similar Part No. - G113AA

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
G113 MULTICOMP-G113 Datasheet
444Kb / 2P
Diecast Aluminium Enclosures
04/08/20 V1.0
logo
List of Unclassifed Man...
G1130 ETC2-G1130 Datasheet
80Kb / 2P
Stay Connected with Heyco Bushings, Grommets, Bumpers & Feet
G1130 ETC2-G1130 Datasheet
81Kb / 2P
Heyco Rubber Grommets
logo
Heyco.
G1130 HEYCO-G1130 Datasheet
92Kb / 1P
Rubber Grommets
logo
List of Unclassifed Man...
G1132 ETC2-G1132 Datasheet
74Kb / 1P
Stay Connected with Heyco Bushings, Grommets, Bumpers Feet
More results

Similar Description - G113AA

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6856 POMONA-6856 Datasheet
121Kb / 1P
XLR (F/F), XLR (M/M)
logo
List of Unclassifed Man...
NC3MXX ETC2-NC3MXX Datasheet
3Mb / 29P
XLR Connectors
logo
XFMRS Inc.
XFRJ458-RXLR1-1 XFMRS-XFRJ458-RXLR1-1 Datasheet
56Kb / 2P
SINGLE PORT XLR
logo
Neutrik AG
NA2FBNC NEUTRIK-NA2FBNC Datasheet
50Kb / 2P
3 pole XLR female ??BNC socket
NA2FPMF NEUTRIK-NA2FPMF Datasheet
51Kb / 2P
3 pole XLR female ??RCA / phono socket
NA2FPMM NEUTRIK-NA2FPMM Datasheet
75Kb / 2P
3 pole XLR female ??RCA / phono plug
NA2MBNC NEUTRIK-NA2MBNC Datasheet
52Kb / 2P
3 pole XLR male ??BNC socket
NA2MPMF NEUTRIK-NA2MPMF Datasheet
51Kb / 2P
3 pole XLR male ??RCA / Phono socket
NA2MPMM NEUTRIK-NA2MPMM Datasheet
73Kb / 2P
3 pole XLR male ??RCA / phono plug
logo
VITALCONN ELECTRONICS H...
XF103G-A VITALCONN-XF103G-A Datasheet
313Kb / 1P
XLR Connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com