Electronic Components Datasheet Search
  English  ▼

X  

ECF440 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ECF440
Description  HARDWARE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ECF440 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ECF440 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.077
1.96
NOTES:
MATERIAL: STEEL
FINISH: ZINC PLATED
COMPONENT SHALL BE PACKAGED IN BULK IN QUANTITIES OF 100.
UNLESS OTHERWISE SPECIFIED,
MAY OCCUR
A
B
C
D.FRISIELLO
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
43321
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
4/26/12
8
ECF440
A
ECF440.SLDDRW
11
4/26/12
REVISIONS
DESCRIPTION
APPROVED
REV
D.DESJARDIN
DATE
D.FRISIELLO
4/26/12
4/26/12
A
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
NORTH ANDOVER, MA
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
COLOR VARIATIONS
ZINC PLT
HARDWARE
PROJECTION
UNDIMENSIONED FEATURES
INITIAL RELEASE
SCREW MACH 4-40 PAN HD PHILLIPS
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
.219
5.56
#4-40 UNC-2A
THREAD
.31
7.9
.112
2.84


Similar Part No. - ECF440

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECF40 XPPOWER-ECF40 Datasheet
841Kb / 5P
AC-DC Power Supplies
ECF40 XPPOWER-ECF40 Datasheet
937Kb / 5P
AC-DC Power Supplies
ECF40US12 XPPOWER-ECF40US12 Datasheet
841Kb / 5P
AC-DC Power Supplies
ECF40US12 XPPOWER-ECF40US12 Datasheet
937Kb / 5P
AC-DC Power Supplies
ECF40US15 XPPOWER-ECF40US15 Datasheet
841Kb / 5P
AC-DC Power Supplies
More results

Similar Description - ECF440

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2144 RENESAS-H8S2144 Datasheet
4Mb / 1140P
HARDWARE MANUAL
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
Hardware Specifications
logo
Hitachi Semiconductor
HD6433937 HITACHI-HD6433937 Datasheet
1Mb / 521P
Hardware Manual
logo
List of Unclassifed Man...
I-7017 ETC2-I-7017 Datasheet
109Kb / 4P
Hardware
logo
Freescale Semiconductor...
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
Hardware Specifications
logo
Renesas Technology Corp
HD6473837H RENESAS-HD6473837H Datasheet
2Mb / 562P
Hardware Manual
logo
Switchcraft, Inc.
P10001 SWITCH-P10001 Datasheet
174Kb / 3P
MOUNTING HARDWARE
logo
Melexis Microelectronic...
MINIE-MLX MELEXIS-MINIE-MLX Datasheet
805Kb / 15P
Hardware Description
logo
Texas Instruments
TPA3255EVM TI1-TPA3255EVM Datasheet
2Mb / 21P
Hardware
logo
TRINAMIC Motion Control...
TMCS-20 TRINAMIC-TMCS-20 Datasheet
469Kb / 12P
Hardware Manual
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com