Electronic Components Datasheet Search
  English  ▼

X  

B722 Datasheet(PDF) 9 Page - EPCOS

Part # B722
Description  SIOV metal oxide varistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B722 Datasheet(HTML) 9 Page - EPCOS

Back Button B722 Datasheet HTML 5Page - EPCOS B722 Datasheet HTML 6Page - EPCOS B722 Datasheet HTML 7Page - EPCOS B722 Datasheet HTML 8Page - EPCOS B722 Datasheet HTML 9Page - EPCOS B722 Datasheet HTML 10Page - EPCOS B722 Datasheet HTML 11Page - EPCOS B722 Datasheet HTML 12Page - EPCOS B722 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Reliability data
Test
Test methods/conditions
Requirement
Varistor voltage
The voltage between two terminals with
the specified measuring current applied
is called VV (1 mADC @ 0.2 ... 2 s).
To meet the specified value
Clamping voltage
The maximum voltage between two
terminals with the specified standard
impulse current (8/20 µs) applied.
To meet the specified value
Max. DC operating
voltage
The maximum allowable DC operating
voltage VDC at UCT +5/–0
°C is applied
for 1000
±48 h.
The leakage current Ileak (t) during test is
recorded.
Then the specimen shall be stored at
room temperature and normal humidity
for 1 to 2 h.
Thereafter, the change of VV shall be
measured.
Ileak (t = 1000 h)
≤ I
leak (t = 0 h)
|
∆V/V (1 mA)| ≤10%
Surge current derating,
8/20
µs
10 surge currents (8/20 µs), unipolar,
interval
≥60 s, amplitude corresponding
to derating curve for 10 impulses at
20 µs
|
∆V/V (1 mA)| ≤10%
(measured in direction of
surge current)
No visible damage
Fast temperature cycling IEC 60068-2-14, test Na, LCT/UCT,
dwell time 120 min, 5 cycles
|
∆V/V (1 mA)| ≤10%
No visible damage
Damp heat, steady state IEC 60068-2-78
The specimen shall be subjected to
40
±2 °C, 90 to 95% r. H. for 56 ±2 days
with 10% of the maximum continuous
DC operating voltage VDC.Then stored
at room temperature and normal
humidity for 1 to 2 h.
Thereafter, the change of VV shall be
measured.
|
∆V/V (1 mA)| ≤10%
Note:
UCT = Upper category temperature
LCT = Lower category temperature
Block varistors
B722*
HighE series
Page 9 of 22
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com