Electronic Components Datasheet Search
  English  ▼

X  

AC01 Datasheet(PDF) 3 Page - YAGEO Corporation

Part # AC01
Description  Cemented wirewound resistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC01 Datasheet(HTML) 3 Page - YAGEO Corporation

  AC01 Datasheet HTML 1Page - YAGEO Corporation AC01 Datasheet HTML 2Page - YAGEO Corporation AC01 Datasheet HTML 3Page - YAGEO Corporation AC01 Datasheet HTML 4Page - YAGEO Corporation AC01 Datasheet HTML 5Page - YAGEO Corporation AC01 Datasheet HTML 6Page - YAGEO Corporation AC01 Datasheet HTML 7Page - YAGEO Corporation AC01 Datasheet HTML 8Page - YAGEO Corporation AC01 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1998 Nov 18
4
Philips Components
Product specification
Cemented wirewound resistors
AC01/03/04/05/07/10/15/20
FUNCTIONAL DESCRIPTION
Product characterization
Standard values of nominal resistance are taken from the E24 series for resistors with a tolerance of
±5%.
The values of the E24 series are in accordance with
“IEC publication 60063”.
Limiting values
Note
1. The maximum voltage that may be continuously applied to the resistor element, see
“IEC publication 60266”.
The maximum permissible hot-spot temperature is 350
°C.
DERATING
The power that the resistor can dissipate depends on the operating temperature; see Fig.1.
TYPE
LIMITING VOLTAGE(1)
(V)
LIMITING POWER
(W)
Tamb =40 °CTamb =70 °C
AC01
1
0.9
AC03
3
2.5
AC04
4
3.5
AC05
5
4.7
AC07
7
5.8
AC10
10
8.4
AC15
15
12.5
AC20
20
16.0
VP
n
R
×
=
Fig.1 Maximum dissipation (Pmax) as a function of the ambient temperature (Tamb).
handbook, 4 columns
40
0
40
70
200
100
90
50
0
Pmax
(%)
T
( C)
amb
o
MRA574



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com