Electronic Components Datasheet Search
  English  ▼

X  

AC05 Datasheet(PDF) 21 Page - YAGEO Corporation

Part # AC05
Description  Cemented wirewound resistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC05 Datasheet(HTML) 21 Page - YAGEO Corporation

Back Button AC05 Datasheet HTML 14Page - YAGEO Corporation AC05 Datasheet HTML 15Page - YAGEO Corporation AC05 Datasheet HTML 16Page - YAGEO Corporation AC05 Datasheet HTML 17Page - YAGEO Corporation AC05 Datasheet HTML 18Page - YAGEO Corporation AC05 Datasheet HTML 19Page - YAGEO Corporation AC05 Datasheet HTML 20Page - YAGEO Corporation AC05 Datasheet HTML 21Page - YAGEO Corporation AC05 Datasheet HTML 22Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
1998 Nov 18
22
Philips Components
Product specification
Cemented wirewound resistors
AC01/03/04/05/07/10/15/20
4.23
climatic sequence:
4.23.2
Ba
dry heat
16 hours; 200
°C
4.23.3
Db
damp heat
(accelerated)
1st cycle
24 hours; 55
°C; 95 to 100% RH
4.23.4
Aa
cold
2 hours;
−40 °C
4.23.5
M
low air pressure
1 hour; 8.5 kPa; 15 to 35
°C
4.23.6
Db
damp heat
(accelerated)
remaining cycles
5 days; 55
°C; 95 to 100% RH
∆R/R max.: ±1% + 0.05 Ω
4.24.2
3 (Ca)
damp heat
(steady state)
56 days; 40
°C; 90 to 95% RH;
dissipation
≤0.01 Pn
no visible damage
∆R/R max.: ±1% + 0.05 Ω
4.8.4.2
temperature
coefficient
at 20/
−40/20 °C, 20/200/20 °C:
R<10
Ω
TC
≤±600 × 10−6/K
R
≥ 10 Ω−80 × 10−6 ≤ TC
TC
≤ +140 × 10−6/K
temperature rise
horizontally mounted, loaded with Pn
hot-spot temperature less
than maximum body
temperature
4.13
short time overload
room temperature; dissipation 10
× P
n;
5 s (voltage not more than
1000 V/25 mm)
∆R/R max.: ±2% + 0.1 Ω
4.25.1
endurance (at 40
°C) 1000 hours loaded with P
n;
1.5 hours on and 0.5 hours off
no visible damage
∆R/R max.: ±5% + 0.1 Ω
4.25.1
endurance (at 70
°C) 1000 hours loaded with 0.9 P
n;
1.5 hours on and 0.5 hours off
no visible damage
∆R/R max.: ±5% + 0.1 Ω
4.23.2
27 (Ba)
endurance at upper
category temperature
1000 hours; 200
°C; no load
no visible damage
∆R/R max.: ±5% + 0.1 Ω
IEC
60115-1
CLAUSE
IEC
60068
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com