Electronic Components Datasheet Search
  English  ▼

X  

AC20 Datasheet(PDF) 22 Page - YAGEO Corporation

Part # AC20
Description  Cemented wirewound resistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC20 Datasheet(HTML) 22 Page - YAGEO Corporation

Back Button AC20 Datasheet HTML 14Page - YAGEO Corporation AC20 Datasheet HTML 15Page - YAGEO Corporation AC20 Datasheet HTML 16Page - YAGEO Corporation AC20 Datasheet HTML 17Page - YAGEO Corporation AC20 Datasheet HTML 18Page - YAGEO Corporation AC20 Datasheet HTML 19Page - YAGEO Corporation AC20 Datasheet HTML 20Page - YAGEO Corporation AC20 Datasheet HTML 21Page - YAGEO Corporation AC20 Datasheet HTML 22Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
1998 Nov 18
23
Philips Components
Product specification
Cemented wirewound resistors
AC01/03/04/05/07/10/15/20
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Other tests in accordance with IEC 60115 clauses and IEC 60068 test method
4.29
45 (Xa)
component solvent
resistance
70% 1.1.2 trichlorotrifluoroethane and
30% isopropyl alcohol; H20
no visible damage
4.18
20 (Tb)
resistance to
soldering heat
10 s; 260
±5 °C; flux 600
∆R/R max.: ±0.5% + 0.05 Ω
4.17
20 (Tb)
solderability
(after ageing)
16 hours steam or 16 hours at 155
°C;
2
±0.5 s in solder at 235 ±5 °C;
flux 600
good tinning (
≥95%
covered); no damage
4.5
tolerance on
resistance
applied voltage (
±10%):
R
− Rnom: ±5% max.
R<10
Ω: 0.1 V
10
Ω≤ R < 100 Ω: 0.3 V
100
Ω≤ R<1kΩ: 1 V
1k
Ω≤ R<10kΩ: 3 V
10 k
Ω≤ R ≤ 33 kΩ: 10 V
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Application information
Where application information is given, it is advisory and does not form part of the specification.
IEC
60115-1
CLAUSE
IEC
60068
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com